Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T602-030M Datasheet(PDF) 6 Page - Connor-Winfield Corporation

Part # T602-030M
Description  Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

T602-030M Datasheet(HTML) 6 Page - Connor-Winfield Corporation

  T602-030M Datasheet HTML 1Page - Connor-Winfield Corporation T602-030M Datasheet HTML 2Page - Connor-Winfield Corporation T602-030M Datasheet HTML 3Page - Connor-Winfield Corporation T602-030M Datasheet HTML 4Page - Connor-Winfield Corporation T602-030M Datasheet HTML 5Page - Connor-Winfield Corporation T602-030M Datasheet HTML 6Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications subject to change without notification. See Connor-Winfield's website for latest revision. All dimensions in inches.
© Copyright 2016 The Connor-Winfield Corporation Not intended for life support applications.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
Tx176
Page
6 of 6
Revision
20
Date
27 July 2016
Revision History
Revision
Date
Action
17
02/11/14
Updated specifications and combined the T and TV series data sheets.
18
09/15/14
Added Alternate Package Outline
19
04/01/15
Updated Frequency Stabilities
20
07/27/16
Added a Standard Frequency
1
Solder Profile
120°C
150°C
180°C
260°C
0
220°C
Up to 120 s
Typical
10 s
60 to 90 s
Typical
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
5x7mm Tape and Reel Information
Model TV504-010.0MHz
Phase Noise Information
TIE
TV504-010.0M: WANDER GENERATION IN A STRATUM 3 PLL AT 0.098 Hz BANDWIDTH
TV504-010.0M: MTIE per GR-253-CORE
MTIE
TDEV
TV504-010.0M: TDEV per GR-253-CORE


Similar Part No. - T602-030M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T602-019.44M CONNOR-WINFIELD-T602-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
More results

Similar Description - T602-030M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T604-020M CONNOR-WINFIELD-T604-020M Datasheet
1Mb / 6P
   Telecom Performance 5x7mm TCXO / VCTCXO T / TV Series
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
TV504-019.2M CONNOR-WINFIELD-TV504-019.2M Datasheet
169Kb / 4P
   Telecom Performance TCXO / VCTCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
Connor-Winfield Corpora...
DV75C-040M CONNOR-WINFIELD-DV75C-040M Datasheet
508Kb / 4P
   5x7mm Precision TCXO Model DV75C
D75J-050M CONNOR-WINFIELD-D75J-050M Datasheet
470Kb / 2P
   5x7mm Precision TCXO Model D75J
DV75D-020M CONNOR-WINFIELD-DV75D-020M Datasheet
426Kb / 2P
   5x7mm Precision TCXO Model DV75D
D75A-020M CONNOR-WINFIELD-D75A-020M Datasheet
444Kb / 3P
   5x7mm Precision TCXO Model D75A
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com