Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D32G-016M Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # D32G-016M
Description  3.2 x 2.5 mm Precision TCXO Model D32G
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

D32G-016M Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  D32G-016M Datasheet HTML 1Page - Connor-Winfield Corporation D32G-016M Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
3.2 x 2.5 mm
Precision TCXO
Model D32G
Description:
The Connor-Winfield D32G is a 3.2
x 2.5 mm, 3.3 V Clipped Sinewave,
Surface Mount, Temperature
Compensated Crystal Oscillator
(TCXO) designed for applications
requiring tight frequency stability in
a very small package. The RoHS
compliant surface mount package is
designed for high-density mounting and
is optimum for mass production.
Operating Specifications
Parameter
Minimum
Nominal
Maximum
Units
Notes
Center Frequency: (Fo)
16.368, 19.2, 26.0 or 32.736
MHz
Frequency Calibration @ 25 °C
-1.0
-
1.0
ppm
1
Frequency Stability
Vs. Temperature:
-0.50
-
0.50
ppm
2
VS. Supply Voltage:
-0.025
-
0.025
ppm
±5%
VS. Load:
-0.025
-
0.025
ppm
±5%
Static Temperature Hysteresis:
-
-
0.40
ppm
Absolute, 3
Aging per Year
-1.0
-
1.0
ppm
Freq. Shift Due to Solder Reflow:
-1.0
-
1.0
ppm
4
Operating Temperature Range:
-30
-
85
°C
Supply Voltage (Vcc) ±5%
3.135
3.3
3.465
Vdc
Supply Current (Icc)
-
-
2.0
mA
Period Jitter
-
3
5
ps rms
Integrated Phase Jitter
-
0.5
1.0
ps rms
5
SSB Phase Noise at 10Hz offset
-
-80
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-110
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-130
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-145
-
dBc/Hz
SSB Phase Noise at 100KHz offset
-
-145
-
dBc/Hz
Start-up Time-
-
-
5
ms
Absolute Maximum Ratings
Parameter
Minimum
Nominal
Maximum
Units
Notes
Storage Temperature
-55
-
85
°C
Supply Voltage (Vcc)
-0.5
-
6.0
Vdc
Features:
3.3 Vdc Operation
Clipped Sinewave Output
Frequency Stability:
±0.50 ppm
Temperature Range: -30 to 85
°C
Low Jitter: < 1 ps RMS
3.2 x 2.5 mm SMT Package
Tape and Reel Packaging
RoHS Compliant / Lead Free
Bulletin
TX240
Page
1 of 2
Revision
06
Date
09 Oct 2012
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
Package Characteristics
Package
Hermetically sealed ceramic package and metal cover
Notes:
1. Initial calibration @ 25°C. Specifications at time of shipment after 48 hours of operation.
2. Frequency stability vs. change in temperature. [±(Fmax - Fmin)/2.Fo].
3. Frequency change after reciprocal temperature ramped over the operating range. Frequency measured before and after at 25°C.
4. Within two hours after reflow
5. BW = 12 KHz to 20 MHz.
6. Output is DC coupled. Load capacitor, load resistor, coupling capacitor and by pass capacitors are required components to
insure proper operation of this TCXO.
7. For best performance it is recommended that the circuit connected to this output should have an equivalent input capacitance
of 10pF.
Clipped Sinewave Output Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Load (CL)
-
10 pF // 10 KOhm
6
Output Voltage (High)
1.0
-
-
V pk to pk
7
Ordering Information
D32G-016.368M*, D32G-019.2M*, D32G-026.0M* or D32G-032.736M*
* For the tape and reel option, add -T to the end of the part number. Example: D32G-016.368M-T
Available at Digi-Key
www.digikey.com


Similar Part No. - D32G-016M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
D32G-016.368M CONNOR-WINFIELD-D32G-016.368M Datasheet
160Kb / 2P
   Sub-Miniature Precision 3.2x2.5mm Clipped Sinewave TCXO
D32G-016.368MHZ CONNOR-WINFIELD-D32G-016.368MHZ Datasheet
166Kb / 2P
   Sub-Miniature Precision 3.2x2.5mm Clipped Sinewave TCXO
More results

Similar Description - D32G-016M

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I547 ILSI-I547 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I537 ILSI-I537 Datasheet
47Kb / 2P
   2.5 mm x 3.2 mm Ceramic Package SMD TCXO
logo
MTRONPTI
M60551HSN MTRONPTI-M60551HSN Datasheet
879Kb / 2P
   2.5 x 3.2 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
logo
Transko Electronics, In...
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
   ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
logo
ILSI America LLC
I593 ILSI-I593 Datasheet
179Kb / 3P
   3.2 mm x 2.5 mm 6 Pads SMD TCXO or TC/VCXO Oscillator
logo
Transko Electronics, In...
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
   3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
TX-I TRANSKO-TX-I Datasheet
181Kb / 2P
   TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 4: 05-13-19
logo
TAITIEN ELECTRONICS CO....
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
   3.2 x 2.5 mm SMD Crystal
logo
ILSI America LLC
I533 ILSI-I533 Datasheet
46Kb / 2P
   3.2 mm x 5 mm Ceramic Package SMD TCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com