Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-6867AC-S9A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-6867AC-S9A1E
Description  Intel Atom/Celeron Processor COM Express Type 6 Compact Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6867AC-S9A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-6867AC-S9A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6867AC-S9A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel Atom/Celeron Processor
COM Express Type 6 Compact Module
SOM-6867
ƒ Embedded Intel Atom/Celeron Processor E3845/E3827/J1900
ƒ Dual Channel DDR3L-1333 SODIMM sockets up to 8 GB
ƒ Supports VGA, LVDS, HDMI/DVI/DisplayPort
ƒ Support 3 PCIe x1, 8 USB2.0, USB3.0, 2 SATAII, LPC, SMBus, I2C
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
Monitoring
BIOS flash
Embedded
Security ID
Specifications
Form Factor
Form Factor
COM Express Compact Module
Pin-out Type
COM Express R2.1 Type 6
Processor System
CPU
E3845
E3827
J1900
Base Frequency
1.91 GHz
1.75 GHz
2.0 GHz
Turbo Boost Frequency
-
-
2.42 GHz
Core/Thread
4
2
4
LLC
2 MB
1 MB
2 MB
CPU TDP
10 W
8 W
10W
BIOS
AMI EFI 16 Mbit
Memory
Technology
DDR3L 1333, 2-CH
DDR3L 1333, 2-CH
DDR3L 1333, 2-CH
ECC Support
N/A
Max. Capacity
Up to 8GB
Socket
Dual 204P SODIMM
Graphics
Controller
Intel HD Graphics
Frequency (Normal/Turbo)
542/792 MHz
542/792 MHz
688/854 MHz
Graphic Memory
Up to 1720MB DVMT
3D/HW Acceleration
DX11, OpenGL3.2, OpenCL1.1, OpenGLES 2.0, H.264 (AVC)
Display
VGA
2560 x 1600
LCD
Single and dual channel 18/24 bit LVDS, up to 1920 x 1200
DDI (HDMI/DVI/DisplayPort)
1 DDI (up to 2560 x 1600; optional: 2 DDI without LVDS; HDMI up to 1920 x 1200)
Dual Display
LVDS + DDI, VGA + LVDS, VGA + DDI, DDI + DDI (Optional)
Expansion
PCI Express x1
3 ports (optional 4 PCIe x1, or 1 PCIe x4 without LAN)
Audio Interface
HD Audio
LPC
Yes
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel i210
Speed
10/100/1000 Mbps
I/O
SATA
2 ports support SATAII 3.0Gb/s (Optional: 1 port while using onboard storage)
Onboard Storage
onboard flash (Optional, MLC up to 64GB, SLC up to 32GB)
USB3.0
1 Port
USB2.0
8 Ports
USB Client
1 port (optional)
Audio Interface
HD Audio
SPI Bus
1 channel (SPI BIOS EEPROM)
GPIO
8-bit GPIO
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
Express Card
2 Ports
Smart Fan
2 Ports; 1 Port on COM Module. Support 12V Fan, 1 Port on Carrier Board
Power
Type
ATX: Vin, VSB, AT: Vin
Supply Voltage
Vin: 4.75(5-5%) ~ 20V(19+5%), VSB: 5V±5%, RTC Battery: 2.0-3.3V
Power Consumption (Max.)
+12V @ 1.73A (J1900)
+12V @ 1.28A (E3845)
Power Consumption (Idle)
+12V @ 1.01A (J1900)
+12V @ 0.79A (E3845)
Environment
Temperature
Operating: 0 ~ 60° C (32 ~ 140° F)
Storage: -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
95 x 95 mm (3.74" x 3.74")
NEW
All product specifications are subject to change without notice
Last updated : 18-Sep-2015


Similar Part No. - SOM-6867AC-S9A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
968Kb / 2P
   COM Express Type 6 Compact Module
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
927Kb / 2P
   COM Express Type 6 Compact Module
More results

Similar Description - SOM-6867AC-S9A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6867 ADVANTECH-SOM-6867_15 Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
   Intel Atom/Celeron Processor COM Express Mini Module
logo
Axiomtek Co., Ltd.
CEM843 AXIOMTEK-CEM843 Datasheet
272Kb / 1P
   COM Express Type 6 Compact Module with Intel Atom Processor E3845
CEM842 AXIOMTEK-CEM842_17 Datasheet
229Kb / 1P
   COM Express Type 6 Compact Module with Intel Celeron Processor J1900/N2807
logo
List of Unclassifed Man...
EMETXE-I250C ETC2-EMETXE-I250C Datasheet
482Kb / 2P
   Intel Atom D2550 COM Express Compact Type 6 CPU Module
logo
DFI Inc
AL968 DFI-AL968 Datasheet
931Kb / 2P
   Intel Atom Processor E3900 Series COM Express Compact
logo
Advantech Co., Ltd.
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6765 ADVANTECH-SOM-6765 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor COM-Express Type 2 Compact Module
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com