Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5788Z-S1A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5788Z-S1A1E
Description  Intel짰 Core??Processor COM Express짰 Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5788Z-S1A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5788Z-S1A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5788Z-S1A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Core™ Processor COM Express®
Basic Module
SOM-5788
ƒ Embedded Intel® Core™ i7/i5/i3/Celeron® processor + QM57
ƒ Intel® GMA supports single and dual channel 18/24-bit LVDS, HDMI,
Displayport, VGA
ƒ Supports 2 DDR3-1066 memory SODIMM sockets up to 8 GB
ƒ Supports 6 PCIe x1, 4 PCI masters, 4 SATAII, 8 USB 2.0, EIDE, GbE
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Specifications
Form Factor
COM Express Basic Module, Type II Pin-out
Processor System
CPU
Intel Core i7-610E Processor (4M Cache, 2.53 GHz)
Intel Core i7-620LE Processor (4M Cache, 2.00 GHz)
Intel Core i7-620UE Processor (4M Cache, 1.06 GHz)
Intel Core i5-520E Processor (3M Cache, 2.40 GHz)
Intel Core i3-330E Processor (3M Cache, 2.13 GHz)
Intel Core i7-660UE Processor (4M Cache, 1.33 GHz)
Intel Celeron P4505 Processor (2M Cache, 1.86 GHz)
Intel Celeron U3405 Processor (2M Cache, 1.06 GHz)
System Chipset
Intel QM57
BIOS
AMI EFI 64Mb
Memory
Technology
DDR3 800/1066 MHz
ECC Support
A1 Series - not supported, B1 Series - supported
Max. Capacity
up to 8 GB
Socket
Dual 204-pin SODIMM sockets
Display
Chipset
Intel GMA integrated in Core i7, Core i5, or Core i3
LVDS
Single and dual channel 18/24-bit LVDS
VGA
Up to 2048 x 1536
DDI
2 DDI Ports support configurable HDMI/DVI/DisplayPort
TV-out
Optional
Ethernet
Chipset
Intel 82577LM Intel HD Audio Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
65536 level timer interval, from 0~65535 sec, multi-level, multi-option watchdog timer
Expansion
LPC, 6 PCIe x 1 and 1 PEG x 16, 4 PCI masters
I/O
PATA
1 EIDE (UDMA 100)
SATA
4 SATAII (300 MB/s)
USB
8 USB 2.0
Audio
High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
+12 V and +5 VSB for ATX, +12V for AT
Power Consumption
(Max: Burn-in Test)
+12 V @ 3.56 A (610E)
+12 V @ 2.89 A (620LE)
+12 V @ 2.34 A (660UE)
+12 V @ 1.95 A (620UE)
+12 V @ 3.27 A (520E)
+12 V @ 2.83 A (330E)
+12 V @ 2.5 A (P4505)
+12 V @ 1.46 A (U3405)
Power Consumption
(Min: OS idle)
+12 V @ 0.66 A (610E)
+12 V @ 0.73 A (620LE)
+12 V @ 0.64 A (660UE)
+12 V @ 0.76 A (620UE)
+12 V @ 0.87 A (520E)
+12 V @ 0.89 A (330E)
+12 V @ 1.34 A (P4505)
+12 V @ 0.64 A (U3405)
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
All product specifications are subject to change without notice
Last updated : 4-Jun-2015


Similar Part No. - SOM-5788Z-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5788Z-S1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5890 ADVANTECH-SOM-5890_15 Datasheet
646Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892 ADVANTECH-SOM-5892_15 Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5894 ADVANTECH-SOM-5894 Datasheet
1Mb / 2P
   4th Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5892FG-U1A1E ADVANTECH-SOM-5892FG-U1A1E Datasheet
649Kb / 2P
   3rd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5790 ADVANTECH-SOM-5790_15 Datasheet
768Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
SOM-9890 ADVANTECH-SOM-9890_15 Datasheet
622Kb / 2P
   3rd Gen. Intel짰 Core??Socket COM Express짰 Basic Module
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5786 ADVANTECH-SOM-5786_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com