Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EL57 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-EL57
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL57 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL57 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL57 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
V
IF = 20 mA
Amber (ld = 590 nm)
2.02
2.4
Amber (ld = 592 nm)
2.15
2.4
Red-Orange (ld = 617 nm)
2.08
2.4
Red (ld = 626 nm)
1.90
2.4
Red (ld = 630 nm)
2.00
2.4
Reverse Voltage
VR
5
20
V
IR = 100 µA
Peak Wavelength
lPEAK
nm
Peak of Wavelength of Spectral
Amber (ld = 590 nm)
592
Distribution at IF = 20 mA
Amber (ld = 592 nm)
594
Red-Orange (ld = 617 nm)
623
Red (ld = 626 nm)
635
Red (ld = 630 nm)
639
Spectral Halfwidth
∆l1/2
17
nm
Wavelength Width at Spectral
Distribution 1/2 Power Point at
IF = 20 mA
Speed of Response
τs
20
ns
Exponential Time
Constant, e-t/τs
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
J-PIN
240
°C/W
LED Junction-to-Cathode Lead
Luminous Efficacy[1]
ηv
lm/W
Emitted Luminous Power/Emitted
Amber (ld = 590 nm)
480
Radiant Power
Amber (ld = 592 nm)
500
Red-Orange (ld = 617 nm)
235
Red (ld = 626 nm)
150
Red (ld = 630 nm)
155
Note:
1. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv
is the luminous efficacy in lumens/watt.
Absolute Maximum Ratings at TA = 25°C
DC Forward Current[1,2,3] ....................................................................................................... 50 mA
Peak Pulsed Forward Current[2,3] .........................................................................................100 mA
Average Forward Current[3] .................................................................................................... 30 mA
Reverse Voltage (IR = 100 µA).......................................................................................................... 5 V
LED Junction Temperature......................................................................................................... 130°C
Operating Temperature ..........................................................................................–40°C to +100°C
Storage Temperature ...............................................................................................–40°C to +100°C
Notes:
1. Derate linearly as shown in Figure 4.
2. For long term performance with minimal light output degradation, drive currents between 10 mA and 30 mA are recommended.
For more information on recommended drive conditions, please refer to Application Brief I-024 (5966-3087E).
3. Please contact your Avago Technologies sales representative about operating currents below 10 mA.


Similar Part No. - HLMP-EL57

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL57 HP-HLMP-EL57 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL57-GG000 HP-HLMP-EL57-GG000 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL57-GG0DD HP-HLMP-EL57-GG0DD Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL57-GG400 HP-HLMP-EL57-GG400 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL57-GG4DD HP-HLMP-EL57-GG4DD Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EL57

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com