Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL50 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # DL50
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

DL50 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  DL50 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED DL50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED DL50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED DL50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typical
Max.
Units
Test Conditions
Forward Voltage
VF
2.02
2.4
V
IF = 20 mA
Reverse Voltage
VR
520
V
IR = 100 µA
Peak Wavelength
lPEAK
592
nm
Peak of Wavelength of
Spectral Distribution at IF = 20 mA
Spectral Halfwidth
Dl1/2
17
nm
Wavelength Width at
Spectral Distribution 1/2
Power point at IF = 20 mA
Speed of Response
ts
20
ns
Exponential Time Constant, e-t/ts
Capacitance
C
40
pF
VF = 0, f = 1 MHz
Thermal Resistance
RqJ-PIN
240
°C/W
LED Junction-to-Cathode Lead
Luminous Efficacy[5]
hV
480
lm/W
Emitted Luminous
Power/Emitted Radiant Power
Note:
5. The radiant intensity, Ie, in watts per steridian, may be found from the equation Ie = IV/hV, where IV is the luminous intensity in candelas and hV is the
luminous efficacy in lumens/watt.
Intensity Bin Limits
(mcd at 20 mA)
Bin Name
Min.
Max.
V
4200
5500
W
5500
7200
Note:
6. Tolerance for each bin limit is
± 15%.


Similar Part No. - DL50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
DL50-F0 ETC2-DL50-F0 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
DL50-F1 ETC2-DL50-F1 Datasheet
92Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
SICK AG
DL50-N1123 SICK-DL50-N1123 Datasheet
1Mb / 6P
   MID RANGE DISTANCE SENSORS
DL50-N2225 SICK-DL50-N2225 Datasheet
1Mb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DL50

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com