Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AB74 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AB74
Description  Well defi ned spatial radiation pattern
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AB74 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AB74 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AB74 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Avago Color Bin on CIE 1931 Chromaticity Diagram
Blue Color Bin Table
Bin
Min
Dom
Max
Dom
2
464
468
x
0.1374
0.1766
0.1699
0.1291
y
0.0374
0.0966
0.1062
0.0495
3
468
472
x
0.1291
0.1699
0.1616
0.1187
y
0.0495
0.1062
0.1209
0.0671
Tolerance for each bin limit is
±0.5 nm
Note:
1. All bin categories are established for classification of products.
Products may not be available in all bin categories. Please contact
your Avago representative for further information.
Green Color Bin Table
Bin
Min
Dom
Max
Dom
3
527
531
x
0.1305
0.1711
0.1967
0.1625
y
0.8189
0.7218
0.7077
0.8012
4
531
535
x
0.1625
0.1967
0.221
0.1929
y
0.8012
0.7077
0.692
0.7816
Tolerance for each bin limit is
±0.5 nm
Red Color Range
Min Dom
Max
Dom
618.0
630.0
x
0.6872
0.3126
0.6890
0.2943
y
0.6690
0.3149
0.7080
0.2920
Tolerance for each bin limit is
±0.5 nm
1.000
0.600
0.800
Green
3 4
0.400
0.200
Red
Blue
2
3
0.000
0.000
0.100
0.200
0.300
0.
4000.5000.6000.7000.800
X
2
3


Similar Part No. - HLMP-AB74

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AB70 AVAGO-HLMP-AB70 Datasheet
273Kb / 10P
   High brightness material
HLMP-AB71 AVAGO-HLMP-AB71 Datasheet
273Kb / 10P
   High brightness material
More results

Similar Description - HLMP-AB74

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
   Well defined spatial radiation pattern
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_11 Datasheet
403Kb / 2P
   NED-35_11
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com