Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3451 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3451
Description  T-13/4 (5 mm) Low Profile LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3451 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3451 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3451 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HLMP-3351, HLMP-3366, HLMP-3451,
HLMP-3466, HLMP-3554, HLMP-3568
T-13/4 (5 mm) Low Profile LED Lamps
Data Sheet
Description
The HLMP-335x/-336x Series are Gallium Arsenide
Phosphide on Gallium Phosphide High Efficiency Red
Light Emitting Diodes.
The HLMP-345x/-346x Series are Gallium Arsenide
Phosphide on Gallium Phosphide Yellow Light Emitting
Diodes.
The HLMP-355x/-356x Series are Gallium Phosphide Green
Light Emitting Diodes.
The Low Profile T-13/4 package provides space savings
and is excellent for backlighting applications.
Package Dimensions
Features
• High intensity
• Low profile: 5.8 mm (0.23in.) nominal
• T-13/4 diameter package
• Diffused and non-diffused types
• General purpose leads
• IC compatible/low current requirements
• Reliable and rugged


Similar Part No. - HLMP-3451

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3451 HP-HLMP-3451 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

Similar Description - HLMP-3451

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com