Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2424TH Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # 2424TH
Description  400 Series Direct-Wire Photoelectronic Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

2424TH Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  2424TH Datasheet HTML 1Page - Systemsensor advanced ideas. 2424TH Datasheet HTML 2Page - Systemsensor advanced ideas. 2424TH Datasheet HTML 3Page - Systemsensor advanced ideas. 2424TH Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
A05-194-03
General Description
System Sensor 400 Series
photoelectronic detectors are
specifically designed to meet the stringent performance
requirements of industrial and commercial fire detection/
alarm systems. The design of these detectors emphasizes
ease of installation and field maintenance.
The 400 Series offer 6 different photoelectronic detectors
with a variety of voltages, wiring configurations, and
thermal options.
Electrical Specifications
Control
Operating
Auxiliary
Remote LED
Current Consumption
Model
Product
Panel
Voltage
Contacts
Option
Standby (max.)
Alarm (max.)
2400
Photo Detector
2-wire
12/24 VDC
No
Yes
120
µA*
2400TH
Photo Detector w/Fixed Heat Sensor
2-wire
12/24VDC
No
Yes
120
µA*
2412B
Photo Detector
4-wire
12 VDC
Yes
No
120
µA
77mA
2412THB
Photo Detector w/Fixed Heat Sensor
4-wire
12 VDC
Yes
No
120
µA
77mA
2424
Photo Detector
4-wire
24 VDC
Yes
No
120
µA
41mA
2424TH
Photo Detector w/Fixed Heat Sensor
4-wire
24 VDC
Yes
No
120
µA
41mA
* Must be limited by control panel
Relay Contact Ratings:
Resistive or inductive
(60% power factor) load
Alarm Contacts
Form A:
2.0A @ 30 VAC/DC
Form C:
2.0A @ 30 VAC/DC
0.6A @ 110 VDC, 1.0A @ 125 VAC
Reset Time:
.3 sec. (max.)
Startup Time:
34 sec. (max.)
Engineering Specifications
Smoke Detector shall be a photoelectronic type (model
2400, 2412, 2424) or a combination photoelectronic/
thermal (model 2400TH, 2412TH, 2424TH) with thermal
sensor rated at 135
°F as manufactured by System Sensor.
Wiring connections shall be made by means of SEMS
screws. The detector will have a visible LED which will
blink in standby and latch on in alarm. The detector shall
have a nominal sensitivity of 3% per foot as measured in
the UL smoke box. The detector screen and cover should
be easily removable for cleaning. It shall be possible to
perform a sensitivity and functional test without the need
of generating smoke. Detector circuitry shall perform a self
test on the sensing chamber and internal electronics every
40 seconds. If circuitry fails, the detector LED shall stop
blinking. The detector shall have a mounting bracket that
allows for mounting to a 31/2
″ or 4″ octagon box or 4″
square electrical box.


Similar Part No. - 2424TH

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2424TH SYSTEMSENSOR-2424TH Datasheet
288Kb / 4P
   Direct-Wire Photoelectronic Smoke Detector
More results

Similar Description - 2424TH

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
400SERIES SYSTEMSENSOR-400SERIES Datasheet
288Kb / 4P
   Direct-Wire Photoelectronic Smoke Detector
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
2400AT SYSTEMSENSOR-2400AT Datasheet
196Kb / 4P
   Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2412AT SYSTEMSENSOR-2412AT Datasheet
195Kb / 4P
   Direct Wire Photoelectronic with Fixed Heat Smoke Detectors
2100TR SYSTEMSENSOR-2100TR Datasheet
109Kb / 4P
   Photoelectronic Smoke Detector with Fixed Heat
2312T SYSTEMSENSOR-2312T Datasheet
761Kb / 2P
   Photoelectronic Smoke detector with Electronic Heat Sensing
2112 SYSTEMSENSOR-2112 Datasheet
85Kb / 4P
   Photoelectronic Smoke Detectors
2100 SYSTEMSENSOR-2100 Datasheet
239Kb / 4P
   Photoelectronic Smoke Detectors
2100D SYSTEMSENSOR-2100D Datasheet
209Kb / 4P
   Photoelectronic Smoke Detectors
logo
Gamewell-FCI by Honeywe...
2451 GAMEWELL-FCI-2451 Datasheet
60Kb / 2P
   Photoelectronic Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com