Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIO-2262Z-2GS6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part No. MIO-2262Z-2GS6A1E
Description  Intel® Atom™ N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

MIO-2262Z-2GS6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
MIO-2262
Packing List
Part No.
Description
Quantity
MIO-2262 SBC
1
Startup Manual
1
1700006291
M Cable SATA 7P/SATA 7P 30cm C=R 180/90
1
9666226200E
Screw and stud pack (2 screw for Mini PCIe,
4 M3 studs and screws for heatsink)
1
1960055792T001
Heatsink (99.5 x 70.5 x 15.7 mm)
1
Bottom side view
Ordering Information
Part No.
CPU
L2 Cache Memory
LVDS
VGA GbE
HD
Audio
USB2.0 RS-232 SATAII
Mini PCIe* MIOe
Thermal
Solution
Operational
Temp.
MIO-2262N-S6A1E
Intel Atom
N2600 1.6G
1MB
SO-DIMM
18/24-bit
Yes
1
Yes
4
2
1
Full-size
Yes
Passive
0 ~ 60° C
MIO-2262N-S8A1E
Intel Atom
N2800 1.86G 1MB
SO-DIMM
18/24-bit
Yes
1
Yes
4
2
1
Full-size
Yes
Passive
0 ~ 60° C
MIO-2262Z-2GS6A1E
Intel Atom
N2600 1.6G
1MB
2GB
bundle
18/24-bit
Yes
1
Yes
4
2
1
Full-size
Yes
Passive
-20 ~ 80° C
MIO-2262Z2-2GS8A1E
Intel Atom
N2800 1.86G 1MB
2GB
bundle
18/24-bit
Yes
1
Yes
4
2
1
Full-size
Yes
Passive
-40 ~ 85° C
* Full-size Mini PCIe supports mSATA
Note: Passive = fanless; Active = with fan
Optional Accessories
Part No.
Description
1960055791T001
MIO-2261 Heat spreader (99.5 x 70.5 x 15.7mm)
MIOE-DB2000-00A1E
MIO-2262 Evaluation Board
Embedded OS/API
Embedded OS/API
Part Number
Description
WinCE 7.0
2070012214
WEC7 V1.0 ENG
Windows Embedded
Standard
WES 2009 (graphic driver support by case)
Windows Embedded
Standard 7
2070011558
WES7E MIO-2261 V5.1.4 EN/DE/JP/TC
2070011559
WES7P MIO-2261 V5.1.3 EN/TC/SC/RU/FR/DE/
ES/IT/JP/KR
VxWorks
6.9.2
Linux
Ubuntu 12.04 (graphic driver support by case)
Software API
SUSI V3.0
64P connector B
64P connector A
mSATA or Mini PCIe
MIOe
SATA
DDR3 SO-DIMM x1
Intel Atom
N2600 (1.6 GHz)
N2800(1.86 GHz)
SMSC SCH3114
Intel NM10
17 x 17 mm
Single Channel
LVDS
PCIe x 1
GbE w/ LED
RGB
DP or HDMI
HDMI supported by request
2 x USB 2.0
SMBUS
USB 2.0x3
HD Audio Line-out
2 PCIex1
LPC
SPI
PCIe x 1
SATAII 300MB/s
USB
SMbus
2 x USB 2.0
I2C
8-bit GPIO
2 x RS-232
18/24-bit LVDS
Intel
82583V GbE
16Mbit BIOS
SATA 300MB/s
1 x SATAII
Watchdog Timer
Full-size
Mini PCIe
HD Audio
Line in/out
ALC-892


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn