Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3P9234 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3P9234
Description  8-Bit CMOS Microcontroller
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P9234 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3P9234 Datasheet HTML 1Page - Samsung semiconductor S3P9234 Datasheet HTML 2Page - Samsung semiconductor S3P9234 Datasheet HTML 3Page - Samsung semiconductor S3P9234 Datasheet HTML 4Page - Samsung semiconductor S3P9234 Datasheet HTML 5Page - Samsung semiconductor S3P9234 Datasheet HTML 6Page - Samsung semiconductor S3P9234 Datasheet HTML 7Page - Samsung semiconductor S3P9234 Datasheet HTML 8Page - Samsung semiconductor S3P9234 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 214 page
background image
S3C9234/P9234
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM88RCRI PRODUCT FAMILY
Samsung's SAM88RCRI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide range
of integrated peripherals, and supports OTP device.
A dual address/data bus architecture and bit- or nibble-configurable I/O ports provide a flexible programming
environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating
modes are included to support real-time operations.
S3C9234/P9234 MICROCONTROLLER
The S3C9234 can be used for dedicated control functions in a variety of applications, and is especially designed for
application with FRS or etc.
The S3C9234/P9234 single-chip 8-bit microcontroller is fabricated using an advanced CMOS process. It is built
around the powerful SAM88RCRI CPU core.
Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register
space, the size of the internal register file was logically expanded. The S3C9234/P9234 has 4K-byte of program
ROM, and 208-byte of RAM (including 16-byte of working register and 16-byte LCD display RAM).
Using the SAM88RCRI design approach, the following peripherals were integrated with the SAM88RCRI core:
— 7 configurable I/O ports including ports shared with segment/common drive outputs
— 7-bit programmable pins for external interrupts
— One 8-bit basic timer for oscillation stabilization and watch-dog functions
— Two 8-bit timer/counters with selectable operating modes
— Watch timer for real time
— 8-bit serial I/O interface
OTP
The S3C9234 microcontroller is also available in OTP (One Time Programmable) version. S3P9234 microcontroller
has an on-chip 4K-byte one-time-programmable EPROM instead of masked ROM.
The S3P9234 is comparable to S3C9234, both in function and in pin configuration.


Similar Part No. - S3P9234

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3P921F SAMSUNG-S3P921F Datasheet
193Kb / 30P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3P9228 SAMSUNG-S3P9228 Datasheet
938Kb / 462P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
More results

Similar Description - S3P9234

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com