Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7601 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7601
Description  Isolated line receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7601 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Package Outline Drawing
Standard DIP Package
Gull Wing Surface Mount Option 300*
9.40 (0.370)
9.90 (0.390)
PIN ONE
1.78 (0.070) MAX.
A
7601
YYWW
TYPE NUMBER*
DATE CODE
0.76 (0.030)
1.24 (0.049)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
6.10 (0.240)
6.60 (0.260)
0.18 (0.007)
0.33 (0.013)
5° TYP.
7.36 (0.290)
7.88 (0.310)
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
1.19 (0.047) MAX.
1
2
3
4
8
7
6
5
N/C
PINOUT DIAGRAM
CATHODE
ANODE
N/C
GND
VOUT
N/C
VCC
PIN ONE
*TYPE NUMBER FOR: HCPL-7601 = 7601
HCPL-7611 = 7611
NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
9.65 ± 0.25
(0.380 ± 0.010)
0.51 ± 0.130
(0.020 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
* REFER TO OPTION 300 DATA SHEET FOR MORE INFORMATION.
NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20 mils) MAX.
0.255 ± 0.075
(0.010 ± 0.003)
DIMENSIONS IDENTICAL TO
STANDARD DIP EXCEPT AS NOTED.


Similar Part No. - HCPL-7601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7601 HP-HCPL-7601 Datasheet
418Kb / 13P
   CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
More results

Similar Description - HCPL-7601

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
Toshiba Semiconductor
TLP113 TOSHIBA-TLP113_07 Datasheet
207Kb / 8P
   Photo−IC Isolated Line Receiver
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
TLP2631 TOSHIBA-TLP2631 Datasheet
374Kb / 8P
   ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSON
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com