Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-312U-000E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-312U-000E
Description  2.0 A minimum peak output current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-312U-000E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-312U-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-312U-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
-6
-5
-4
-3
-2
-1
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
125°C
-40°C
25°C
IF = 7 to 16 mA
VCC = 15 to 30 V
VEE = 0 V
IOH – OUTPUT HIGH CURRENT – A
1.70
1.75
1.80
1.85
1.90
1.95
2.00
-40
-20
0
20
40
60
80
100 120 140
TA– TEMPERATURE – °C
-3
-2
-1
0
-40
-20
0
20
40
60
80
100 120 140
TA– TEMPERATURE – °C
0.00
0.05
0.10
0.15
0.20
0.25
-40
-20
0
20
40
60
80
100 120 140
TA – TEMPERATURE – °C
VF(OFF) = -3.0 TO 0.8 V
IOUT = 100 mA
VCC = 15 TO 30 V
VEE = 0 V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
0.0
1.0
2.0
3.0
4.0
25°C
-40°C
125°C
IOL – OUTPUT LOW CURRENT – A
VF(OFF) = -3.0 to 0.8 V
VCC = 15 to 30 V
VEE = 0 V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-40
-20
0
20
40
60
80
100 120 140
TA – TEMPERATURE – °C
VF(OFF) = -3.0 TO 0.8 V
VOUT = 2.5 V
VCC = 15 TO 30 V
VEE = 0 V
IF = 7 to 16 mA
IOUT = -100 mA
VCC = 15 to 30 V
VEE = 0 V
IF = 7 to 16 mA
IOUT = -100 mA
VCC = 15 to 30 V
VEE = 0 V
Figure 1. VOH vs. temperature.
Figure 2. IOH vs. temperature.
Figure 3. VOH vs. IOH.
Figure 4. VOL vs. temperature.
Figure 5. IOL vs. temperature.
Figure 6. VOL vs. IOL.


Similar Part No. - ACPL-312U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312T AVAGO-ACPL-312T Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
More results

Similar Description - ACPL-312U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
Analog Devices
ADUM4121 AD-ADUM4121 Datasheet
529Kb / 16P
   2 A peak output current (<2 廓 RDSON)
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com