Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2701A-1-F4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS2701A-1-F4
Description  NEC is HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS2701A-1-F4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS2701A-1-F4 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2701A-1-F4 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2701A-1-F4 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2701A-1-F4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS2701A-1A
Notes:
1. Operation in excess of any one of these parameters may
result in permanent damage.
2. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between
input and ouput.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (°C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature , TA (°C)
COLLECTOR CURRENT vs.
COLLETOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
Collector Saturation Voltage, VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
SYMBOLS
PARAMETERS
UNITS
RATINGS
PS2701A-1
Diode
IF
Forward Current (DC)
mA
30
VR
Reverse Voltage
V
6
∆PD/ ºC
Power Dissipation Derating
mW/Ch
0.8
PD
Power Dissipation
mW
80
IF P
Peak Forward Current
(PW = 100 µs, Duty Cycle 1%)
A
0.5
Transistor
VCEO
Collector to Emitter Voltage
(IC = 1mA, IB = 0)
V70
VECO
Emitter to Collector Voltage
(IE = 100µA, IB = 0)
V5
IC
Collector Current
mA
30
∆PC/ºC
Power Dissipation Derating
mW/ºC
1.5
PC
Power Dissipation
mW
150
Coupled
BV
Isolation Voltage2
Vr.m.s.
3750
TSTG
Storage Temperature
°C
-55 to +150
TA
Operating Ambient
°C
-55 to +100
0.8 mW/
º C
100
80
60
40
20
0
025
50
75
100
125
0
0
50
100
150
200
1.5mW
ºC
25
50
75
100
125
0
02
46
8
10
5
10
15
20
25
30
IF = 10 mA
IF = 5 mA
IF = 2 mA
IF = 1 mA
10
1
0.1
0
0.2
0.4
0.6
0.8
1
IF = 5 mA
IF = 2 mA
IF = 10 mA
IF = 1 mA


Similar Part No. - PS2701A-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701A-1-F4 CEL-PS2701A-1-F4 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2701A-1-F4 NEC-PS2701A-1-F4 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2701A-1-F4-A CEL-PS2701A-1-F4-A Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2701A-1-F4-A NEC-PS2701A-1-F4-A Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results

Similar Description - PS2701A-1-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2801-1 NEC-PS2801-1 Datasheet
131Kb / 12P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
PS2705A-1 RENESAS-PS2705A-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2701A-1 NEC-PS2701A-1 Datasheet
120Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2705A-1 CEL-PS2705A-1 Datasheet
835Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701A-1 RENESAS-PS2701A-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com