Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6326-26D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MAX6326-26D
Description  3-pin ultra-low power SC70/SOT microprocessor reset circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX6326-26D Datasheet(HTML) 2 Page - NXP Semiconductors

  MAX6326-26D Datasheet HTML 1Page - NXP Semiconductors MAX6326-26D Datasheet HTML 2Page - NXP Semiconductors MAX6326-26D Datasheet HTML 3Page - NXP Semiconductors MAX6326-26D Datasheet HTML 4Page - NXP Semiconductors MAX6326-26D Datasheet HTML 5Page - NXP Semiconductors MAX6326-26D Datasheet HTML 6Page - NXP Semiconductors MAX6326-26D Datasheet HTML 7Page - NXP Semiconductors MAX6326-26D Datasheet HTML 8Page - NXP Semiconductors MAX6326-26D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
MAX632x/MAX634x
3-pin ultra-low power SC70/SOT
microprocessor reset circuit
2
2003 Aug 05
DESCRIPTION
The MAX6326/MAX6327//MAX6328/MAX6346/MAX6347/MAX6348
microprocessor (
µP) reset circuits monitor power supplies in µP and
digital systems. These devices eliminate external components and
adjustments while providing excellent circuit reliability and low cost
solution. They are used to monitor 2.5 V, 3 V, 3.3 V and 5 V power
supplies.
They assert a reset signal when the VDD supply voltage falls below a
preset reset threshold voltage. The reset signal remains asserted for
at least 100 ms after the VDD rises above the reset threshold. The
reset threshold are factory trimmable from 2.2 V to 4.63 V in
approximately 100 mV increments. All these parts are guaranteed to
assert a reset for VDD down to 1 V. They have excellent immunity to
fast transients on VDD.
The devices vary in their output configuration. The
MAX6326/MAX6346 have push-pull, active-LOW reset output; while
the MAX6328/MAX6348 have open drain, active-LOW reset output.
The MAX6327/MAX6347 have push-pull, active HIGH reset output.
The lower threshold MAX6326/MAX6327/MAX6328 have ultra-low
supply current of typically 0.5
µA making them ideal for battery
powered applications. All six devices are available in both the 3-pin
SOT23 and SC70 packages.
FEATURES
Ultra-low 1 µA (max) supply current
Precision monitoring of 2.5 V, 3 V, 3.3 V, and 5 V power supply
voltages
Reset thresholds available from 2.2 V to 4.63 V
Fully specified over temperature –40 °C to +85 °C
100 ms (min) power-on-reset delay time
Power transient immunity
Available in three versions: Push-Pull RESET, Push-Pull RESET,
and Open-Drain RESET
Pin compatible with MAX803/MAX809/MAX810
Small, low cost, 3-pin SC70/SOT23 packages
APPLICATIONS
Computers and controllers
Power monitoring
Portable/battery powered equipment
Industrial equipment
SIMPLIFIED SYSTEM DIAGRAM
VDD
VDD
VDD
GND
GND
RESET
RESET
SL01835
MAX6328/
MAX6348
MOTOROLA
68HCXX
RPU
Figure 1. MAX6328/6348 simplified system diagram.


Similar Part No. - MAX6326-26D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326-T MAXIM-MAX6326-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6326-26D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
logo
EM Microelectronic - MA...
V6340 EMMICRO-V6340 Datasheet
1Mb / 8P
   Ultra Low Cost 3-Pin Microprocessor Reset
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com