Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44BC375UD Datasheet(PDF) 13 Page - Motorola, Inc

Part # MC44BC375UD
Description  PLL Tuned VHF Audio/ Video High Integration Modulator ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44BC375UD Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MC44BC375UD Datasheet HTML 9Page - Motorola, Inc MC44BC375UD Datasheet HTML 10Page - Motorola, Inc MC44BC375UD Datasheet HTML 11Page - Motorola, Inc MC44BC375UD Datasheet HTML 12Page - Motorola, Inc MC44BC375UD Datasheet HTML 13Page - Motorola, Inc MC44BC375UD Datasheet HTML 14Page - Motorola, Inc MC44BC375UD Datasheet HTML 15Page - Motorola, Inc MC44BC375UD Datasheet HTML 16Page - Motorola, Inc MC44BC375UD Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Modulator Functionality
MOTOROLA
MC44BC375/U/J/T Technical Data
13
The audio pre-emphasis circuit is a high-pass filter with an external capacitor C1 and an internal resistor
(100 kOhms typical). The recommended capacitor value (750 pF) is for M/N standards; time constant is
75
µs. It is 470pF for B/G standards (50µs).
Audio bandwidth specification is for 50Hz to 15Khz range, with pre-emphasis circuit engaged. Without
this pre-emphasis circuit, it is possible to extend the audio bandwidth to the high frequencies as there is no
internal frequency limitation (stereo application).
12.8 PLL Section — Dividers
The reference divider is a fixed divide by 128 resulting in a reference frequency of 31.25Khz with a
4.0Mhz crystal. The 31.25Khz reference frequency is used for both UHF and Sound PLLs.
The prescaler is a fixed divide by 8 and is permanently engaged. The VHF divider is different for each of
the 3 versions.
The programmable divider’s division ratio is controlled by CHS pin voltage in order to get the following
VHF frequencies:
12.9 Selectable Pins
Pins CHS, PSS, SFS are internally pulled up to 5V.
Device
Channel
VHF divider
MC44BC375U
CH3 = 61.25Mhz
8
CH4 = 67.25Mhz
MC44BC375J
CH1 = 91.25Mhz
6
CH2 = 97.25Mhz
MC44BC375T
CH13 = 211.25Mhz
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC375UD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375UD FREESCALE-MC44BC375UD Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375UD FREESCALE-MC44BC375UD Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
logo
NXP Semiconductors
MC44BC375UD NXP-MC44BC375UD Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
More results

Similar Description - MC44BC375UD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
   PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Motorola, Inc
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
   PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
logo
NXP Semiconductors
MC44BC375 NXP-MC44BC375 Datasheet
626Kb / 20P
   MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
Rev. 2.6 01/2003
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
   PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
   PLL Tuned VHF Audio/Video High Integration IC
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
   PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
   PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com