Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX4081W Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # BX4081W
Description  VDSL Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

BX4081W Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  BX4081W Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B846.B (02/12)
1
pulseelectronics.com
VDSL Transformers
Matched to Metalink MTV9141 (
B4064) and MTV9142
(
BX4081W) “Livia” VDSL chipsets
Excellent return loss
Designed to compy with IEC950 supplementary insulation
for 250Vrms working voltage
B4064 / B4064NL / BX4081W
Mechanical
Schematic
Weight ......................6.2 grams
Tape & Reel .................150/reel
Tray ...............................60/tray
Dimensions:
Unless otherwise specified,
all tolerances are ±
Inches
mm
.010
0,25
For Use With Metalink Chipsets
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2012. Pulse Electronics, Inc. All rights reserved.
Electrical Specifications @ 25°C - Operating Temperature -40°C to +85°C
RoHS-5
Compliant
Part No.
RoHS-6
Compliant
Part No.
Turns Ratio
OCL Line
@ 25�C
(mH MIN)
Leakage
Inductance
(Line:TX)
(
μH MAX)
Interwinding
Capacitance
(Line:TX)
(pF MAX)
Isolation
Voltage
(Vrms)
DCR
(
Ω MAX)
Return Loss
(120kHz-12MHz)
(dB MIN)
TX: Line
RX: Line
Line (1-5)
Tx (8-9)
Rx (6-7)
B4064
B4064NL
1 : 3.6
2 : 3.6
1.134
1.2
15
1500
1.00
0.80
0.40
12
BX4081W
-
1 : 3.0
2 : 3.6
0.280
1.5
15
1500
0.30
0.20
0.35
10
Notes: Transformers are shipped in trays unless Tape & Reel packaging is specified by adding the suffix “T” to the part number (i.e. B4064T and B4064NLT).


Similar Part No. - BX4081W

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BX4081W PULSE-BX4081W Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
More results

Similar Description - BX4081W

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0233-A COILCRAFT-B0233-A Datasheet
83Kb / 2P
   VDSL Transformers
logo
Bi technologies
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
logo
Pulse A Technitrol Comp...
B4008 PULSE-B4008 Datasheet
68Kb / 1P
   VDSL TRANSFORMERS For Use with Broadcom
B4033 PULSE-B4033 Datasheet
133Kb / 1P
   VDSL TRANSFORMERS For Use With Metalink Chipsets
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bothhand USA, LP.
VD-4025A BOTHHAND-VD-4025A Datasheet
65Kb / 1P
   VDSL TRANSFORMER
logo
PCA ELECTRONICS INC.
EPD5002GE PCA-EPD5002GE Datasheet
43Kb / 1P
   VDSL Transformer
logo
Bothhand USA, LP.
VD-7025 BOTHHAND-VD-7025 Datasheet
103Kb / 1P
   VDSL FILTER
VD-7028 BOTHHAND-VD-7028 Datasheet
104Kb / 1P
   VDSL FILTER
logo
Bel Fuse Inc.
S560-6600-KJ BEL-S560-6600-KJ Datasheet
78Kb / 2P
   VDSL MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com