Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF10A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF10A
Description  SURFACE MOUNT ESD PROTECTION DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF10A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMF10A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF10A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF10A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMF10A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMF10A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production specification
SURFACE MOUNT ESD
PROTECTION DIODES
SMF5V0A--SMF170A
Document Number: SOD601AA
www.gmicroelec.com
1
ELECTRICAL CHARACTERISTICS
Ratings at TJ=25℃ unless otherwise specified) uni-birectional only
Type
Marking
Code
UNI
V(BR)
1
V
MIN
IT
m A
VWM
V
IRM@VWM
μ A
IPPM
2
A
Vc @ IPPM
V
SMF5V0A
AE
6.40
10
5.0
400
21.7
9.2
SMF6V0A
AG
6.67
10
6.0
400
19.4
10.3
SMF6V5A
AK
7.22
10
6.5
250
17.9
11.2
SMF7V0A
AM
7.78
10
7.0
100
16.7
12.0
SMF7V5A
AP
8.33
1.0
7.5
50
15.5
12.9
SMF8V0A
AR
8.89
1.0
8.0
25
14.7
13.6
SMF8V5A
AT
9.44
1.0
8.5
10
13.9
14.4
SMF9V0A
AV
10.0
1.0
9.0
5.0
13.5
15.4
SMF10A
AX
11.1
1.0
10
2.5
11.8
17.0
SMF11A
AZ
12.2
1.0
11
2.5
11.0
18.2
SMF12A
BE
13.3
1.0
12
2.5
10.1
19.9
SMF13A
BG
14.4
1.0
13
1.0
9.3
21.5
SMF14A
BK
15.6
1.0
14
1.0
8.6
23.2
SMF15A
BM
16.7
1.0
15
1.0
8.2
24.4
SMF16A
BP
17.8
1.0
16
1.0
7.7
26.0
SMF17A
BR
18.9
1.0
17
1.0
7.2
27.6
SMF18A
BT
20.0
1.0
18
1.0
5.8
29.2
SMF20A
BV
22.2
1.0
20
1.0
6.2
32.4
SMF22A
BX
24.4
1.0
22
1.0
5.6
35.5
SMF24A
BZ
26.7
1.0
24
1.0
5.1
38.9
SMF26A
CE
28.9
1.0
26
1.0
4.8
42.1
SMF28A
CG
31.1
1.0
28
1.0
4.4
45.4
SMF30A
CK
33.3
1.0
30
1.0
4.1
48.4
SMF33A
CM
36.7
1.0
33
1.0
3.8
53.3
SMF36A
CP
40.0
1.0
36
1.0
3.4
58.1
SMF40A
CR
44.4
1.0
40
1.0
3.1
64.5
SMF43A
CT
47.8
1.0
43
1.0
2.9
69.4
SMF45A
CV
50.0
1.0
45
1.0
2.8
72.7
SMF48A
CX
53.3
1.0
48
1.0
2.6
77.4


Similar Part No. - SMF10A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SMF10A YFWDIODE-SMF10A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
logo
Vishay Siliconix
SMF10A VISHAY-SMF10A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
Anova Technologies CO.,...
SMF10A ANOVA-SMF10A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF10A VISHAY-SMF10A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
SAMYANG ELECTRONICS CO....
SMF10A SAMYANG-SMF10A Datasheet
4Mb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMF100A LUGUANG-SMF100A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF110A LUGUANG-SMF110A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF170A LUGUANG-SMF170A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
   SURFACE MOUNT ESD PROTECTION DIODES
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF85A LUGUANG-SMF85A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
SMF5V0A LUGUANG-SMF5V0A Datasheet
168Kb / 3P
   Surface Mount ESD Protection Diodes
SMF90A LUGUANG-SMF90A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Vishay Siliconix
SMF22A-GS08 VISHAY-SMF22A-GS08 Datasheet
137Kb / 8P
   Surface Mount ESD Protection Diodes
Rev. 1.1, 17-Oct-13
SMF36A-GS08 VISHAY-SMF36A-GS08 Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com