Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U1ZB3.3 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part No. U1ZB3.3
Description  Surface mount zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

U1ZB3.3 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  U1ZB3.3 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Production specification
Surface mount zener diode
U1ZB3.3--U1ZB390
Document Number:SMA501AA
www.gmicroelec.com
3
Type
Marking
Code
Nominal Zener Voltage
Temperature
Coefficient of
Zener Voltage
αVZ
mV/℃
Forward Voltage
Reverse Current
Zener Voltage
Vz
V
Zener
Impedance
ZZT
Measurement
Current
IZT
VF
V
Measurement
Current
IF
IR
μ A
Measurement
Voltage
VR
Min
Typ
Max.
Max
mA
Typ
Max
Max.
A
Max
V
U1ZB180
180
162
180
198
500
1.5
161
255
1.2
0.2
10
144
U1ZB200
200
180
200
220
0.5
170
269
160
U1ZB200-Y
200Y
190
200
210
170
269
160
U1ZB200-Z
200Z
200
210
220
178
286
168
U1ZB220
220
198
220
242
5000
0.5
200
309
1.2
0.2
10
176
U1ZB220-Y
220Y
210
220
230
200
309
176
U1ZB220-Z
220Z
220
230
240
207
320
184
U1ZB240
240
216
240
264
5000
0.5
215
325
1.2
0.2
10
192
U1ZB240-Y
240Y
230
240
250
215
325
216
U1ZB240-Z
240Z
240
250
260
225
338
225
U1ZB270
270
243
270
297
5000
0.5
243
385
1.2
0.2
10
216
U1ZB270-X
270X
250
260
270
221
350
234
U1ZB270-Y
270Y
260
270
280
228
362
243
U1ZB270-Z
270Z
270
280
290
236
374
252
U1ZB300
300
270
300
330
5000
0.5
270
428
1.2
0.2
10
240
U1ZB300-X
300X
280
290
300
244
388
261
U1ZB300-Y
300Y
290
300
310
253
402
270
U1ZB300-Z
300Z
300
310
320
261
415
279
U1ZB330
330
297
330
363
5000
0.5
296
470
1.2
0.2
10
264
U1ZB330-X
330X
310
320
330
270
428
288
U1ZB330-Y
330Y
320
330
340
278
441
297
U1ZB330-Z
330Z
330
340
350
287
455
306
U1ZB390
390
351
390
429
10000
0.5
350
555
1.2
0.2
10
312


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn