Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U1ZB3.3 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part No. U1ZB3.3
Description  Surface mount zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

U1ZB3.3 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  U1ZB3.3 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Production specification
Surface mount zener diode
U1ZB3.3--U1ZB390
Document Number:SMA501AA
www.gmicroelec.com
2
ELECTRICAL CHARACTERISTICS @ TA=25
℃ unless otherwise specified
Type
Marking
Code
Nominal Zener Voltage
Temperature
Coefficient of Zener
Voltage
αVZ
mV/℃
Forward Voltage
Reverse Current
Zener Voltage
Vz
V
Zener
Impedance
ZZT
Measurement
Current
IZT
VF
V
Measurement
Current
IF
IR
μ A
Measurement
Voltage
VR
Min
Typ
Max
Max.
mA
Typ.
Max.
Max
A
Max
V
U1ZB3.3
ZB3.3
3.0
3.3
3.6
60
10
--
--
1.2
0.2
10
1.0
U1ZB4.7
ZB4.7
4.3
4.7
5.2
60
10
--
--
1.2
0.2
10
1.0
U1ZB5.1
ZB5.1
4.6
5.1
5.6
60
10
--
--
1.2
0.2
10
1.5
U1ZB5.6
ZB5.6
5.1
5.6
6.2
60
10
--
--
1.2
0.2
10
2.5
U1ZB6.2
ZB6.2
5.6
6.2
6.9
60
10
--
--
1.2
0.2
10
3.0
U1ZB6.8
ZB6.8
6.2
6.8
7.4
60
10
3.0
4.0
1.2
0.2
10
3.0
U1ZB7.5
ZB7.5
6.8
7.5
8.3
30
10
4.0
5.0
1.2
0.2
10
4.5
U1ZB8.2
ZB8.2
7.4
8.2
9.1
30
10
4.0
6.0
1.2
0.2
10
4.9
U1ZB9.1
ZB9.1
8.2
9.1
10.1
30
10
5.0
8.0
1.2
0.2
10
5.5
U1ZB10
ZB10
9.0
10
11.0
30
10
6.0
9.0
1.2
0.2
10
6.0
U1ZB11
ZB11
9.9
11
12.1
30
10
7.0
11
1.2
0.2
10
7.0
U1ZB12
ZB12
10.8
12
13.2
30
10
8.0
13
1.2
0.2
10
8.0
U1ZB13
ZB13
11.7
13
14.3
30
10
9.0
14
1.2
0.2
10
9.0
U1ZB15
ZB15
13.5
15
16.5
30
10
11
17
1.2
0.2
10
10
U1ZB16
ZB16
14.4
16
17.6
30
10
12
19
1.2
0.2
10
11
U1ZB18
ZB18
16.2
18
19.8
30
10
14
23
1.2
0.2
10
13
U1ZB20
ZB20
18.0
20
22.0
30
10
16
26
1.2
0.2
10
14
U1ZB22
ZB22
19.8
22
24.2
30
10
18
28
1.2
0.2
10
16
U1ZB24
ZB24
21.6
24
26.4
30
10
20
32
1.2
0.2
10
17
U1ZB27
ZB27
24.3
27
29.7
30
10
23
36
1.2
0.2
10
19
U1ZB30
ZB30
27.0
30
33.0
30
10
25
40
1.2
0.2
10
21
U1ZB33
ZB33
29.7
33
36.3
30
10
26
41
1.2
0.2
10
26.4
U1ZB36
ZB36
32.4
36
39.6
30
9.0
28
45
1.2
0.2
10
28.8
U1ZB43
ZB43
38.7
43
47.3
40
7.0
33
53
1.2
0.2
10
34.4
U1ZB47
ZB47
42.3
47
51.7
65
6.0
38
60
1.2
0.2
10
37.6
U1ZB51
ZB51
45.9
51
56.1
65
6.0
43
68
1.2
0.2
10
40.8
U1ZB68
ZB68
61.2
68
74.8
120
4.0
57
90
1.2
0.2
10
54.4
U1ZB75
ZB75
67.5
75
82.5
150
4.0
66
104
1.2
0.2
10
60
U1ZB82
ZB82
73.8
82
90.2
170
3.0
71
113
1.2
0.2
10
65.4
U1ZB100
100
90
100
110
300
3.0
87
138
1.2
0.2
10
80
U1ZB110
110
99
110
121
300
3.0
96
152
1.2
0.2
10
88
U1ZB150
150
135
150
165
450
2.0
136
212
1.2
0.2
10
120


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn