Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

U1ZB3.3 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. U1ZB3.3
Description  Surface mount zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

U1ZB3.3 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  U1ZB3.3 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited U1ZB3.3 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
Surface mount zener diode
U1ZB3.3--U1ZB390
Document Number:SMA501AA
www.gmicroelec.com
1
FEATURES
Silicon planar power ,zener diodes
For use in stabilizing and clipping circuits with high
power rating.
Standard zener voltage tolerance is ±10%. Add
suffix "A" for ±5% tolerance. Other zener voltage
and tolerances are available upon request.
APPLICATIONS
Case:DO-214AC
Terminals: Solderable per MIL-STD-202, method 208
Polarity: Cathode band
Marking: Type number
MAXIMUM RATING AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Characteristic
Symbol
Value
Unit
Power dissipation at Tamb=25℃
Ptot
1.01)
W
Junction temperature
TJ
-40---+150
Storage temperature range
Ts
-40---+150
Notes: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
Pb
Lead-free


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn