Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2500G Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # K2500G
Description  SIDAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

K2500G Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  K2500G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited K2500G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited K2500G Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited K2500G Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited K2500G Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
+I
-V
+V
IT
IH
IS
IBO
IDRM
VT
VDRM
VS
VBO
RS
(VBO
-VS)
(
IS-IBO)
RS
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS MaximumRated
Value at Specified Junction Temperature
BLOCKING CAPABILITY MAY BE LOST
DURING ANDIMMEDIATELY
FOLLOWINGSURGE CURRENT
INTERVAL
OVERLOADMAY NOT BE REPEATED
UNTIL JUNCTIONTEMPERATURE
HAS RETURNED TOSTEADY-STATE
RATED VALUE.
1.0
10
1000
100
1.0
2.0
40
100
4.0
10
8.0
6.0
20
Surge Current Duration - Full Cycles
www.galaxycn.com
BLGALAXY ELECTRICAL
Document Number 029000
1
2.
(9) For best Sidac operation, the load impedance should be near or
less than sw itching resistance.
R
S — Sw itching resistance
R
S=
50/60 Hz sine w ave
(V
BO-VS)
◇ All measurements are made at 60Hz w ith a resistive load at an
of this catalog.
◇ Junction temperature range (TJ) is -40°C to +125°C.
◇ Lead solder temperature is a maximum of +230°C for 10 seconds
ambient temperature of +25°C unless otherw ise specified.
V
DRM — Repetitive peak off-state voltage
(I
S-IBO)
V
BO — Breakover voltage 50/60 Hz sine w ave
maximum; ≥ 1/16" (1.59mm) fromcase.
◇ Storage temperature range (TS) is -65°C to +150°C.
◇ The case (TC) or lead (TL) temperature is measured as show n on
the dimensional outline draw ings. See “Package Dimensions” section
V
TM — Peak on-state voltage, IT = 1 Amp
General Notes
I
DRM — Repetitive peak off-state current 50/60 Hz sine w ave; V = VDRM
(5) See Figure 9.1 for more than one full cycle rating.
I
H — Dynamic holding current 50/60 Hz sine w ave; R = 100Ω
(6) R
θJA Type 41 is 70° C/W.
I
T(RMS) — On-state RMS current TJ ≤ 125°C 50/60 Hz sine w ave
(7) T
L ≤ 100°C
I
TSM — Peak one cycle surge current 50/60 Hz sine w ave (nonrepetitive)
(8) See Figure 9.14 for clarification of Sidac operation.
Specific Test Conditions
Electrical Specification Notes
di/dt — Critical rate-of-rise of on-state current
(1) See Figure 9.5 for V
BO change vs junction temperature.
100°C
(3) See Figure 9.2 for I
H vs case temperature.
I
BO — Breakover current 50/60 Hz sine w ave
(4) See Figure 9.13 for test circuit.
(2) See Figure 9.6 for IBO vs junction temperature.
dv/dt — Critical rate-of-rise of off-state voltage at rated V
DRM; TJ
RATINGS AND CHARACTERISTIC CURVES
KG --- SERIES
V-I CHARACTERISTICS
FIG.1-- PEAK SURGE CURRENT vs SURGE CURRENT
FFFFFFFF DURATION


Similar Part No. - K2500G

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2500G TECCOR-K2500G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K2500G TECCOR-K2500G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K2500G LITTELFUSE-K2500G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Shanghai Shunye Electro...
K2500G SY-K2500G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
Littelfuse
K2500G70AP LITTELFUSE-K2500G70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2500G

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
   Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
   Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com