Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2346 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2346
Description  PLLatinum™ Frequency Synthesizer for RF Personal Communications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2346 Datasheet HTML 11Page - National Semiconductor (TI) LMX2346 Datasheet HTML 12Page - National Semiconductor (TI) LMX2346 Datasheet HTML 13Page - National Semiconductor (TI) LMX2346 Datasheet HTML 14Page - National Semiconductor (TI) LMX2346 Datasheet HTML 15Page - National Semiconductor (TI) LMX2346 Datasheet HTML 16Page - National Semiconductor (TI) LMX2346 Datasheet HTML 17Page - National Semiconductor (TI) LMX2346 Datasheet HTML 18Page - National Semiconductor (TI) LMX2346 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
LMX2346/7SLB OSC
IN IMPEDANCE (R_OPT set to 5 MHz– 50 MHz)
LMX2346/7SLB OSC
IN IMPEDANCE (R_OPT set to 5 MHz–50 MHz)
V
CC = 3.0V (TA = 25˚C)
V
CC = 5.5V (TA = 25˚C)
OSC
IN BUFFER
NORMAL OPERATION
OSC
IN BUFFER
POWERED-DOWN MODE
OSC
IN BUFFER
NORMAL OPERATION
OSC
IN BUFFER
POWERED-DOWN MODE
F
OSC
(MHz)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
5
1100
−4800
4920
200
−6100
6100
1250
−4100
4290
100
−6200
6200
10
340
−2200
2230
80
−3000
3000
310
−1950
1970
130
−2750
2750
15
170
−1600
1610
60
−1900
1900
170
−1360
1370
50
−1970
1970
20
120
−1120
1130
35
−1400
1400
105
−1050
1060
32
−1380
1380
25
85
−953
957
28
−1150
1150
78
−840
844
28
−1130
1130
30
75
−800
804
33
−958
959
66
−704
707
28
−945
945
35
68
−692
695
30
−835
836
58
−610
613
28
−818
818
40
64
−612
615
28
−738
739
52
−538
541
28
−722
723
45
58
−530
533
27
−638
639
48
−478
480
22
−630
630
50
57
−492
495
24
−580
580
43
−422
424
21
−570
570
55
53
−447
450
23
−537
537
40
−386
388
20
−520
520
60
52
−410
413
22
−485
485
38
−354
356
18
−478
478
65
49
−373
376
22
−447
448
37
−327
329
19
−442
442
70
48
−347
350
21
−417
418
36
−303
305
18
−410
410
75
46
−326
329
20
−391
392
35
−285
287
16
−385
385
80
45
−305
308
19
−365
365
33
−266
268
16
−360
360
85
44
−289
292
18
−342
342
32
−250
252
15
−336
336
90
44
−274
278
19
−326
327
32
−236
238
16
−318
318
95
42
−260
263
18
−309
310
31
−224
226
15
−304
304
100
41
−244
247
18
−290
291
30
−212
214
15
−285
285
104
41
−234
238
17
−277
278
30
−203
205
14
−272
272
www.national.com
15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn