Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD500B225M32A0T00 Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # KTD500B225M32A0T00
Description  DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KTD500B225M32A0T00 Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  KTD500B225M32A0T00 Datasheet HTML 1Page - United Chemi-Con, Inc. KTD500B225M32A0T00 Datasheet HTML 2Page - United Chemi-Con, Inc. KTD500B225M32A0T00 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
SPECIFICATIONS
10 Temperature Cycle
For 5 cycles for above temperature cycle.
11 Humidity Load Life
12 Endurance
Appearance : No abnormality.
Δ
C/C :±20%
D.F. : 10% maximum
I.R. : 25/CR(MΩ) or 1000(MΩ)
whichever is less.
Appearance : No abnormality.
Δ
C/C :±15%
D.F. : To meet the initial specification.
I.R. : To meet the initial specification.
Appearance : No abnormality.
Δ
C/C :±20%
D.F. : 10% maximum
I.R. : 50/CR(MΩ) or 1000(MΩ)
whichever is less.
Temperature : 40±2℃
Humidity
: 90 to 95%RH
Voltage
: Rated voltage
Time
: 500± hours
24
Temperature : 125±3℃
Voltage
: Rated voltage
Time
: 1000± hours
48
Step
1
2
Temperature (℃)
Min. Category temperature±3
Room temperature
(min.)
30±3
3 max.
3
4
Max. Category temperature±3
Room temperature
30±3
3 max.
0
0
*CR : Rated Capacitance(µF)
5 Rated Ripple Current
10kHz to 1MHz (sine curve)
Ripple voltage Vp shall be less than the rated voltage.
Test Condition
Specification
Items
No.
8 Solderability
shall be covered with new solder.
Solder Temperature : 350±10℃
Resistance to Soldering Heat
9
Dipping Time
: 3±0.5 sec.
Depth
: 1.5 to 2mm
Tension
Bending
6
7
Robustness
of
Terminations
Vibration
No visible damage.
Appearance : No abnormality.
Capacitance : To meet the initial
specification.
D.F. : To meet the initial specification.
Time : 2times.
The force applied shall be :
Amplitude
: 1.5mm
Frequency range
: 10-55-10Hz (1 min)
Direction and time :
2 hours each to X, Y, Z axis. Total 6 hours.
Leadφ (mm)
0.5 max.
Tensile(N)
5
(sec.)
10±1
0.6 min.
10
10±1
Leadφ (mm)
0.5 max.
Bending(N)
2.5
(kg)
0.25
0.6 min.
5
0.51
Solder
Solder Temperature
Dipping Time
Pb Free
245±5℃
2±0.5sec.
NTD
Series
Please refer to"Part Numbering System" of the beginning of a catalog for the details.
DIMENSIONS
Crimped lead
32 to 76 Size
Straight lead
For all size
L
F
T
d
L
F
T
d
PART NUMBERING SYSTEM
Supplement code
Taping code
Terminal code
Size code
Capacitance tolerance code
Nominal Capacitance code
Temperature characteristics code
Rated voltage code
Series code
Category
K T D 5 0 0 B 1 0 6 M 5 5
0 T 0 0
A
1
2 3
4 5 6
7
8 9 10
11
12 13
14 15
16
17 18
Min. 75% of surface of the termination
Size code
0.3
43
0.8
55
1.0
80
76
2.0
90
3.0
99
4.0
1.5
Arms
32
Appearance : No abnormality.
Δ
C/C :±15%
D.F. : To meet the initial specification.
I.R. : To meet the initial specification.
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
24
CAT. No. E1002V


Similar Part No. - KTD500B225M32A0T00

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD500B225M32A0T00 CHEMI-CON-KTD500B225M32A0T00 Datasheet
234Kb / 1P
   Thru-Hole Type Multilayer Ceramic Capacitors
KTD500B225M32A0T00 CHEMI-CON-KTD500B225M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD500B225M32A0T00 CHEMI-CON-KTD500B225M32A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD500B225M32A0T00 CHEMI-CON-KTD500B225M32A0T00 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - KTD500B225M32A0T00

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD501B105M76 CHEMI-CON-KTD501B105M76 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Vishay Siliconix
K102J15C0GF5TH5 VISHAY-K102J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com