Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4751 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX4751
Description  0.9Ω, Low-Voltage, Single-Supply Quad SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4751 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4751 Datasheet HTML 1Page - Maxim Integrated Products MAX4751 Datasheet HTML 2Page - Maxim Integrated Products MAX4751 Datasheet HTML 3Page - Maxim Integrated Products MAX4751 Datasheet HTML 4Page - Maxim Integrated Products MAX4751 Datasheet HTML 5Page - Maxim Integrated Products MAX4751 Datasheet HTML 6Page - Maxim Integrated Products MAX4751 Datasheet HTML 7Page - Maxim Integrated Products MAX4751 Datasheet HTML 8Page - Maxim Integrated Products MAX4751 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
0.9
Ω, Low-Voltage, Single-Supply Quad SPST
Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.6V, VIH_ = +1.4V, VIL_ = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3.0V,
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
SWITCH DYNAMIC CHARACTERISTICS
+25°C6
30
Turn-On Time
tON
VNO_ or VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
30
ns
+25°C10
25
Turn-Off Time
tOFF
VNO_ or VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
25
ns
+25°C7
Break-Before-Make (Note 8)
(MAX4753 Only)
tBBM
VNO_ and VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
2
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1.0nF, Figure 2
+25°C21
pC
NO_ or NC_
Off-Capacitance
COFF
f = 1MHz, Figure 3
+25°C31
pF
COM_ Off-Capacitance
CCOM_(OFF) f = 1MHz, Figure 3
+25°C30
pF
COM_ On-Capacitance
CCOM_(ON)
f = 1MHz, Figure 3
+25°C75
pF
f = 10MHz
+25°C-51
Off-Isolation (Note 9)
VISO
RL = 50
Ω,
CL = 5pF,
Figure 4
f = 1MHz
+25°C-65
dB
f = 10MHz
+25°C-70
Crosstalk
RL = 50
Ω,
CL = 5pF,
Figure 4
f = 1MHz
+25°C-80
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz,
VCOM_ = 2VP-P, RL = 32
+25°C
0.031
%
DIGITAL I/O
Input Logic High
VIH_
TMIN to TMAX
1.4
V
Input Logic Low
VIL_
TMIN to TMAX
0.5
V
Input Leakage Current
IIN_
VIN_ = 0 or V+
TMIN to TMAX
-1
0.0005
+1
µA
POWER SUPPLY
Power-Supply Range
V+
+1.6
+3.6
V
Positive Supply Current
I+
V+ = 3.6V, VIN_ = 0 or V+
1µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn