Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX4751 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX4751
Description  0.9Ω, Low-Voltage, Single-Supply Quad SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX4751 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
0.9
Ω, Low-Voltage, Single-Supply Quad SPST
Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+, IN_ .....................................................................-0.3V to +4V
COM_, NO_, NC_ (Note 1) ...........................-0.3V to (V+ + 0.3V)
Continuous Current (COM_, NO_, NC_).........................±100mA
Peak Current COM_, NO_, NC_
(pulsed at 1ms 10% duty cycle).................................±200mA
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 9.1W/°C above +70°C) ............727mW
16-Pin QFN (derate 16.9W/°C above +70°C) ............1349mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.6V, VIH_ = +1.4V, VIL_ = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3.0V,
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
+25°C0.6
0.9
On-Resistance (Note 4)
RON
V+ = 2.7V,
ICOM_ = 100mA,
VNO_ or VNC_ = 1.5V
TMIN to TMAX
1
+25°C
0.03
0.12
On-Resistance Match Between
Channels (Notes 4, 5)
∆RON
V+ = 2.7V,
ICOM_ = 100mA,
VNO_ or VNC_ = 1.5V
TMIN to TMAX
0.15
+25°C0.04
0.1
On-Resistance Flatness
(Note 6)
RFLAT(ON)
V+ = 2.7V,
ICOM_ = 100mA,
VNO_ or VNC_ = 1V, 1.5V, 2V
TMIN to TMAX
0.12
+25°C
-2.5
0.002
+2.5
NO_ or NC_ Off-Leakage Current
(Note 7)
INO_(OFF),
INC_(OFF)
V+ = 3.6V,
VCOM_ = 0.3V, 3.6V,
VNO_ or VNC_ = 3.6V, 0.3V
TMIN to TMAX
-5
+5
nA
+25°C
-2.5
0.002
+2.5
COM_ Off-Leakage Current
(Note 7)
ICOM_(OFF)
V+ = 3.6V, VCOM_ = 0.3V,
3.6V, VNO_ or VNC_ = 3.6V,
0.3V
TMIN to TMAX
-5
+5
nA
+25°C
-2.5
0.002
+2.5
COM_ On-Leakage Current
(Note 7)
ICOM_(ON)
V+ = 3.6V, VCOM_ = 0.3V,
3.6V, VNO_ or VNC_ = 0.3V,
3.6V, or floating
TMIN to TMAX
-5
+5
nA
Note 1: Signals on COM_, NO_, or NC_ exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum
current rating.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn