Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMB.433.B06F21 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # OMB.433.B06F21
Description  Omni-Directional Radiation Pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

OMB.433.B06F21 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  OMB.433.B06F21 Datasheet HTML 1Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 2Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 3Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 4Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 5Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 6Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 7Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 8Page - Taoglas antenna solutions OMB.433.B06F21 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DSP-15-8- SPE-16-8-020/B/WY
Page 1 of 12
SPECIFICATION
Part No.
:
OMB.433.B06F21
Description
: 433MHz 6dBi Omni Directional Outdoor Antenna
with N Type Female Connector, U-Bolt, 1094mm
Length
Features
: Omni-Directional Radiation Pattern
Collinear
6dBi Peak gain, 433 MHz
Fiberglass Housing
Robust design for all weather operation
IP65 waterproof
Length: 1,094mm | Weight: 1,300g
N type Female connector
Wall mount bracket included
RoHS compliant


Similar Part No. - OMB.433.B06F21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB.433.B06F21 ETC2-OMB.433.B06F21 Datasheet
822Kb / 11P
   Omni-Directional Radiation Pattern
More results

Similar Description - OMB.433.B06F21

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
OMB.6912.03F21 TAOGLAS-OMB.6912.03F21 Datasheet
2Mb / 19P
   Omni-Directional Radiation Pattern
OMB.450.B06F21 TAOGLAS-OMB.450.B06F21 Datasheet
813Kb / 12P
   Omni-Directional Radiation Pattern
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
logo
List of Unclassifed Man...
OMB.450.B03F21 ETC2-OMB.450.B03F21 Datasheet
876Kb / 11P
   Omni-Directional Radiation Pattern
OMB.450.B06F21 ETC2-OMB.450.B06F21 Datasheet
808Kb / 11P
   Omni-Directional Radiation Pattern
logo
Taoglas antenna solutio...
OMB.433.B03F21 TAOGLAS-OMB.433.B03F21 Datasheet
851Kb / 12P
   Omni-Directional Radiation Pattern
logo
List of Unclassifed Man...
OMB.433.B06F21 ETC2-OMB.433.B06F21 Datasheet
822Kb / 11P
   Omni-Directional Radiation Pattern
logo
Taoglas antenna solutio...
OMB.868.B08F21 TAOGLAS-OMB.868.B08F21 Datasheet
771Kb / 10P
   Omni-Directional Radiation
logo
List of Unclassifed Man...
ANT-868-PW-QW ETC2-ANT-868-PW-QW Datasheet
142Kb / 1P
   Omni-directional pattern
ANT-418-PW-LP ETC2-ANT-418-PW-LP Datasheet
173Kb / 1P
   Omni-directional pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com