Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4S20D-40MA5-Z Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4S20D-40MA5-Z
Description  RIGHT ANGLE PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4S20D-40MA5-Z Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S20D-40MA5-Z Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S20D-40MA5-Z Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S20D-40MA5-Z Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
RosenbergerHSD®
RIGHT ANGLE
PLUG
FOR PCB
D4S20D-40MA5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 3
c
All dimensions are in mm; tolerances according to ISO 2768 m-H
EMC-screening must be assured by chassis compartment. Control box manufacturer is responsible for EMC-
screening.
Interface
According to
RN 059-01
Documents
Pinning instruction
RN 053-01
Panel piercing
MB_215
Test specification
RN 061-01
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Gold, 0.15 µm (Interface)
Tin, 0.5-2 µm (PCB)
Outer contact
Brass
Ni, 3-6 µm (Interface)
Tin, 3-6 µm (PCB)
Dielectric
LCP
Housing
PA 6T/66
Cover
Alpaca
d
e


Similar Part No. - D4S20D-40MA5-Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S20G-400A5-A ROSENBERGER-D4S20G-400A5-A Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-B ROSENBERGER-D4S20G-400A5-B Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-C ROSENBERGER-D4S20G-400A5-C Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-D ROSENBERGER-D4S20G-400A5-D Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-E ROSENBERGER-D4S20G-400A5-E Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results

Similar Description - D4S20D-40MA5-Z

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S2UG-400A5-Y ROSENBERGER-D4S2UG-400A5-Y Datasheet
139Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-400A5-Y ROSENBERGER-D4S2UY-400A5-Y Datasheet
726Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20L-40MA5-Y ROSENBERGER-D4S20L-40MA5-Y Datasheet
140Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-Y ROSENBERGER-59S2MB-40MT5-Y Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S22B-40MT5-Y ROSENBERGER-59S22B-40MT5-Y Datasheet
624Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S24D-400A5-Y ROSENBERGER-D4S24D-400A5-Y Datasheet
290Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20Y-400A5-Y ROSENBERGER-D4S20Y-400A5-Y Datasheet
163Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40MA5-Y ROSENBERGER-D4S2UY-40MA5-Y Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-Y ROSENBERGER-D4S20G-400A5-Y Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2PL-40MT5-Y ROSENBERGER-59S2PL-40MT5-Y Datasheet
964Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-Y ROSENBERGER-59S2LL-40MT5-Y Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com