Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4S20Y-400A5-B Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4S20Y-400A5-B
Description  RIGHT ANGLE PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4S20Y-400A5-B Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S20Y-400A5-B Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S20Y-400A5-B Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S20Y-400A5-B Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
Rosenberger
HSD®
RIGHT ANGLE PLUG
FOR PCB
D4S20Y-400A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
3 / 3
Packing
Standard
19 pcs in tube / 950pcs in box (5 x 19 tubes per box)
Weight
7.9 g/ pce
Coding
Part Number has to be accomplished by codification
Change History
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
R. Bippus
29.03.11
A. Bippus
23.06.14
b00
14-0880
T. Pscheiden
23.06.14
Coding
Plug
Color
RAL
Part-Number
A
black
sim. 9005
D4S20Y-400A5-A
B
white
sim. 9001
D4S20Y-400A5-B
C
blue
sim. 5005
D4S20Y-400A5-C
D
bordeaux
sim. 4004
D4S20Y-400A5-D
E
green
sim. 6002
D4S20Y-400A5-E
F
brown
sim. 8011
D4S20Y-400A5-F
Z
water blue
sim. 5021
D4S20Y-400A5-Z
Rev.
Date
Change
b00
14.05.13
tube magazine packing VM06.0200
VM06_01900
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - D4S20Y-400A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S20Y-40MA5-Y ROSENBERGER-D4S20Y-40MA5-Y Datasheet
166Kb / 3P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
More results

Similar Description - D4S20Y-400A5-B

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S2UG-400A5-Y ROSENBERGER-D4S2UG-400A5-Y Datasheet
139Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-400A5-Y ROSENBERGER-D4S2UY-400A5-Y Datasheet
726Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20L-40MA5-Y ROSENBERGER-D4S20L-40MA5-Y Datasheet
140Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-Y ROSENBERGER-59S2MB-40MT5-Y Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S22B-40MT5-Y ROSENBERGER-59S22B-40MT5-Y Datasheet
624Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S24D-400A5-Y ROSENBERGER-D4S24D-400A5-Y Datasheet
290Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40MA5-Y ROSENBERGER-D4S2UY-40MA5-Y Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-Y ROSENBERGER-D4S20G-400A5-Y Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2PL-40MT5-Y ROSENBERGER-59S2PL-40MT5-Y Datasheet
964Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-Y ROSENBERGER-59S2LL-40MT5-Y Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com