Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4K25L-1D5A5-A Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4K25L-1D5A5-A
Description  RIGHT ANGLE JACK WATERPROOF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4K25L-1D5A5-A Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4K25L-1D5A5-A Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4K25L-1D5A5-A Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4K25L-1D5A5-A Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
Rosenberger
HSD®
RIGHT ANGLE JACK
WATERPROOF
D4K25L-1D5A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Coding
Part Number has to be accomplished by codification
Change history
Rev.
Date
Change
b00
08.07.16 Documents:
-Added ‘Assembly instruction’ with ‘MA_D4V038’
-Updated Weight from ‘6.45 g/pce’ to ‘7.6 g/pce’
Coding
Jack
Colour
RAL
Part-Number
A
black
sim. 9005
D4K25L-1D5A5-A
B
white
sim. 9001
D4K25L-1D5A5-B
C
blue
sim. 5005
D4K25L-1D5A5-C
D
bordeaux
sim. 4004
D4K25L-1D5A5-D
E
green
sim. 6002
D4K25L-1D5A5-E
F
brown
sim. 8011
D4K25L-1D5A5-F
Z
waterblue
sim. 5021
D4K25L-1D5A5-Z
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
W. Lankes
23.04.10
J. Schröck
12.07.16
b00
16-1159
M. Kolbe
12.07.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - D4K25L-1D5A5-A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4K25A-1D5A5-A ROSENBERGER-D4K25A-1D5A5-A Datasheet
716Kb / 3P
   RIGHT ANGLE JACK
D4K25A-1D5A5-B ROSENBERGER-D4K25A-1D5A5-B Datasheet
716Kb / 3P
   RIGHT ANGLE JACK
D4K25A-1D5A5-C ROSENBERGER-D4K25A-1D5A5-C Datasheet
716Kb / 3P
   RIGHT ANGLE JACK
D4K25A-1D5A5-D ROSENBERGER-D4K25A-1D5A5-D Datasheet
716Kb / 3P
   RIGHT ANGLE JACK
D4K25A-1D5A5-E ROSENBERGER-D4K25A-1D5A5-E Datasheet
716Kb / 3P
   RIGHT ANGLE JACK
More results

Similar Description - D4K25L-1D5A5-A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
HVK201-12A004B1-Y ROSENBERGER-HVK201-12A004B1-Y Datasheet
312Kb / 3P
   Right Angle Waterproof Jack
HVK201-12A006B1-Y ROSENBERGER-HVK201-12A006B1-Y Datasheet
300Kb / 3P
   Right Angle Waterproof Jack
HVK201-12A002B1-Y ROSENBERGER-HVK201-12A002B1-Y Datasheet
322Kb / 3P
   Right Angeled Waterproof Jack
99K20D-1D5A5-Y ROSENBERGER-99K20D-1D5A5-Y Datasheet
752Kb / 3P
   RIGHT ANGLE JACK
88K203-302L5 ROSENBERGER-88K203-302L5 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
88K203-3V2L5 ROSENBERGER-88K203-3V2L5 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
E4K24A-1AKX5-Y ROSENBERGER-E4K24A-1AKX5-Y Datasheet
144Kb / 3P
   RIGHT ANGLE JACK
D4K20E-1D5A5-Y ROSENBERGER-D4K20E-1D5A5-Y Datasheet
769Kb / 3P
   RIGHT ANGLE JACK
D4K2UE-1D5A5-Y ROSENBERGER-D4K2UE-1D5A5-Y Datasheet
772Kb / 3P
   RIGHT ANGLE JACK
D4K2RE-1D5A5-Y ROSENBERGER-D4K2RE-1D5A5-Y Datasheet
757Kb / 3P
   RIGHT ANGLE JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com