Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4K10D-1D5A5-Y Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4K10D-1D5A5-Y
Description  STRAIGHT JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4K10D-1D5A5-Y Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4K10D-1D5A5-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4K10D-1D5A5-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4K10D-1D5A5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
HSD
STRAIGHT JACK
D4K10D-1D5A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 3
Electrical data
Impedance, differential mode
100
Ω differential signalling, for one pair or quad cable shielded
Frequency
DC to 2.0 GHz
Return loss
≥ 20 dB to 1.0 GHz
≥ 17 dB to 2.0 GHz
Insertion loss
≤ 0.1 dB @ 1.0 GHz
Skew (between signal contacts)
≤ 5 psec.
Nearend-Crosstalk
≤ 30 dB
Farend-Crosstalk
≤ 35 dB
Insulation resistance
≥ 1x103 MΩ
Signal contact resistance
≤ 10 mΩ
Outer contact resistance
≤ 7.5 mΩ
Test voltage
250 V rms
Working voltage
100 V rms
Power current
≤ 1.5 A DC
RF-leakage ( shielding effectiveness )
≥ 75 dB up to 1 GHz (IEC 62153-4-7)
≥ 65 dB up to 2 GHz (IEC 62153-4-7)
Mechanical data
Mating cycles
≥ 25
Engagement force each contact
≤ 30 N
Disengagement force each contact
5 N
Retention force latch
≥ 110 N
Retention force primary lock
≥ 80 N
Coding efficiency
≥ 80 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
DIN IEC 60068-2-14 Test NA
Temperature and humidity
USCar 2 – 4 5.6.2
Vibration (Random)
DIN IEC 60068-2-64
Mechanical Shock
DIN IEC 60068-2-27
High-Temp. Exposure
DIN IEC 60068-2-2
Soldering profile
acc. to IEC 60068-2-58; Group 3&4
2002/95/EC (RoHS)
compliant
Tooling
Crimping tool
on request
Crimp insert
on request
Suitable cables
Cable type
Dacar 535
Packing
Standard
TBD pcs in box
Weight
10,60 g/pce


Similar Part No. - D4K10D-1D5A5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4K10C-1D5A5-A ROSENBERGER-D4K10C-1D5A5-A Datasheet
746Kb / 3P
   STRAIGHT JACK
D4K10C-1D5A5-C ROSENBERGER-D4K10C-1D5A5-C Datasheet
746Kb / 3P
   STRAIGHT JACK
D4K10C-1D5A5-D ROSENBERGER-D4K10C-1D5A5-D Datasheet
746Kb / 3P
   STRAIGHT JACK
D4K10C-1D5A5-Y ROSENBERGER-D4K10C-1D5A5-Y Datasheet
746Kb / 3P
   STRAIGHT JACK
More results

Similar Description - D4K10D-1D5A5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
64K102-272B1 ROSENBERGER-64K102-272B1 Datasheet
250Kb / 2P
   Straight Jack
59K13O-1E4A4 ROSENBERGER-59K13O-1E4A4 Datasheet
119Kb / 3P
   STRAIGHT JACK
45K102-271L5 ROSENBERGER-45K102-271L5 Datasheet
42Kb / 2P
   STRAIGHT JACK
60K131-815N1 ROSENBERGER-60K131-815N1 Datasheet
63Kb / 2P
   STRAIGHT JACK
51K107-803N5 ROSENBERGER-51K107-803N5 Datasheet
44Kb / 2P
   STRAIGHT JACK
AMK12D-102Z5-Y ROSENBERGER-AMK12D-102Z5-Y Datasheet
711Kb / 3P
   STRAIGHT JACK
E4K10A-1AKX5-Y ROSENBERGER-E4K10A-1AKX5-Y Datasheet
253Kb / 3P
   STRAIGHT JACK
119K101-271N5 ROSENBERGER-119K101-271N5 Datasheet
742Kb / 2P
   Straight Jack
19.10.20
D4K10C-1D5A5-Y ROSENBERGER-D4K10C-1D5A5-Y Datasheet
746Kb / 3P
   STRAIGHT JACK
64K115-C05B1 ROSENBERGER-64K115-C05B1 Datasheet
223Kb / 2P
   Straight jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com