Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99S20I-40MA5-D Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 99S20I-40MA5-D
Description  RIGHT ANGLE PLUG PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

99S20I-40MA5-D Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  99S20I-40MA5-D Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 99S20I-40MA5-D Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 99S20I-40MA5-D Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
HSD
RIGHT ANGLE PLUG PCB
99S20I-40MA5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
3 / 3
Coding
Part number has to be accomplished by codification
Change History
Coding
Plug
Color
RAL
Part-Number
B
white
sim. 9001
99S20I-40MA5-B
D
bordeaux
sim. 4004
99S20I-40MA5-D
Z
water blue
sim. 5021
99S20I-40MA5-Z
Rev.
Date
Change
f00
30.04.14
Dimension “1” written in brackets
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
T. Höfling
25.01.10
S. Reinthaler
29.04.14
f00
14-0633
T. Pscheiden
29.04.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 99S20I-40MA5-D

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
99S204-40MA5-A ROSENBERGER-99S204-40MA5-A Datasheet
246Kb / 3P
   RIGHT ANGLE PLUG FOR PCB WITH MQS CONTACTS
99S204-40MA5-B ROSENBERGER-99S204-40MA5-B Datasheet
246Kb / 3P
   RIGHT ANGLE PLUG FOR PCB WITH MQS CONTACTS
99S204-40MA5-C ROSENBERGER-99S204-40MA5-C Datasheet
246Kb / 3P
   RIGHT ANGLE PLUG FOR PCB WITH MQS CONTACTS
99S204-40MA5-D ROSENBERGER-99S204-40MA5-D Datasheet
246Kb / 3P
   RIGHT ANGLE PLUG FOR PCB WITH MQS CONTACTS
99S204-40MA5-Y ROSENBERGER-99S204-40MA5-Y Datasheet
246Kb / 3P
   RIGHT ANGLE PLUG FOR PCB WITH MQS CONTACTS
More results

Similar Description - 99S20I-40MA5-D

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
59S212-400L5 ROSENBERGER-59S212-400L5 Datasheet
41Kb / 2P
   RIGHT ANGLE PLUG PCB
99S20D-40MA5-Y ROSENBERGER-99S20D-40MA5-Y Datasheet
235Kb / 3P
   RIGHT ANGLE PLUG PCB
59S225-400L5 ROSENBERGER-59S225-400L5 Datasheet
62Kb / 2P
   RIGHT ANGLE PLUG PCB
45S201-400L5 ROSENBERGER-45S201-400L5 Datasheet
44Kb / 2P
   RIGHT ANGLE PLUG PCB
19S201-400L5 ROSENBERGER-19S201-400L5 Datasheet
224Kb / 2P
   RIGHT ANGLE PLUG PCB
59S206-400L5 ROSENBERGER-59S206-400L5 Datasheet
111Kb / 2P
   RIGHT ANGLE PLUG PCB
D4S2UG-400A5-Y ROSENBERGER-D4S2UG-400A5-Y Datasheet
139Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-400A5-Y ROSENBERGER-D4S2UY-400A5-Y Datasheet
726Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20L-40MA5-Y ROSENBERGER-D4S20L-40MA5-Y Datasheet
140Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-Y ROSENBERGER-59S2MB-40MT5-Y Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com