Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-J454 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-J454
Description  High CMR, High Speed Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J454 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-J454 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-J454 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
HCPL-J454-400E/600E Widelead Gullwing Surface Mount Outline Drawing
HCPL-0454 Outline Drawing (8-Pin Small Outline Package)
7.49 (0.295)
1.9 (0.075)
0.64 (0.025)
LAND PATTERN RECOMMENDATION
[0.65] 0.025 MAX
0.250±0.010
[6.35±0.25]
0.386 ±0.010
[9.80±0.25]
MAX.
[1.19]
0.047
0.140±0.005
[3.56±0.13]
0.100
BSC
[2.54]
0.043 ± 0.013
[1.080] ± 0.320
DIMENSIONS IN [MILLIMETERS] INCHES
OPTION NUMBERS 400 AND 600 NOT MARKED.
NOTE: FLOATING LEAD PROTRUSION IS 0.5 mm (20 mils) MAX.
LEAD COPLANARITY
MAXIMUM: [0.102] 0.004
LAND PATTERN RECOMMENDATION
0.460 ± 0.010
[11.75 ± 0.25]
[0.406] 0.016
[0.152] 0.006
0.025 ±0.010
[0.625±0.254]
0.300 ±0.020
[7.62±0.51]
[0.33] 0.013
[0.20] 0.008
30°
NOM.
0.040
[1.016]
0.508
[12.9]
0.08
[2.0]
0.050
[1.27]
A XXXX
DATE CODE
UR
TYPE NUMBER
UL
RECOGNITION
YYWW
EEE
LOT ID
XXX
YWW
EEE
8
7
6
5
4
3
2
1
5.994 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.406 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSC
5.080 ± 0.127
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45 X 0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
TYPE NUMBER (LAST 3 DIGITS)
DATE CODE
0.305
(0.012)
MIN.
TOTAL PACKAGE LENGTH (INCLUSIVE OF MOLD FLASH)
5.207 ± 0.254 (0.205 ± 0.010)
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES) MAX.
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
0.203 ± 0.102
(0.008 ± 0.004)
7
PIN ONE
0 ~ 7
*
*
LOT ID


Similar Part No. - HCPL-J454

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J454-000E AVAGO-HCPL-J454-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-300E AVAGO-HCPL-J454-300E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-400E AVAGO-HCPL-J454-400E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
HCPL-J454-500E AVAGO-HCPL-J454-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
More results

Similar Description - HCPL-J454

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-500E AVAGO-HCPL-4504-500E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-J454 HP-HCPL-J454 Datasheet
153Kb / 20P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4504-000E AVAGO-HCPL-4504-000E Datasheet
200Kb / 19P
   High CMR, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4504 HP-HCPL-4504 Datasheet
231Kb / 16P
   High CMR, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com