Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS324US Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS324US
Description  Dual SPST Analog Switch, Low Voltage, Single Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS324US Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAS324US Datasheet HTML 4Page - ON Semiconductor NLAS324US Datasheet HTML 5Page - ON Semiconductor NLAS324US Datasheet HTML 6Page - ON Semiconductor NLAS324US Datasheet HTML 7Page - ON Semiconductor NLAS324US Datasheet HTML 8Page - ON Semiconductor NLAS324US Datasheet HTML 9Page - ON Semiconductor NLAS324US Datasheet HTML 10Page - ON Semiconductor NLAS324US Datasheet HTML 11Page - ON Semiconductor NLAS324US Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NLAS324
http://onsemi.com
8
1.20
0.80
1.40
0.60
1.00
0.00
1.60
0.01
0
10
1
0.1
VCOM (V)
Figure 14. ON Channel Bandwidth and Phase
Shift Over Frequency
Figure 15. Off Channel Isolation
10
100
10
100000
10000
1000
1
0.1
0.01
100
Figure 16. Charge Injection vs. VCOM
FREQUENCY (Hz)
0.0
3.0
5.0
FREQUENCY (MHz)
100 300
0.40
0.20
1.0
2.0
3.6
4.0
4.5
VCC = 3.0 V
5.5 V
3.3 V
VCC = 5.0 V
10
0
Figure 17. THD vs. Frequency
FREQUENCY (MHz)
0.01
100
10
1
300
0.1
0
5
Bandwidth (On - Loss)
Phase (Degrees)
VCC = 5.0 V
TA = 25
°C
VCC = 5.0 V
TA = 25
°C
-100
-50
1000000


Similar Part No. - NLAS324US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS324US ONSEMI-NLAS324US Datasheet
118Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 7
NLAS324USG ONSEMI-NLAS324USG Datasheet
118Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 7
NLAS324USG ONSEMI-NLAS324USG Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
More results

Similar Description - NLAS324US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS325 ONSEMI-NLAS325 Datasheet
123Kb / 12P
   Dual SPST Analog Switch Low Voltage Single Supply
January, 2002 ??Rev. 2
NLAS325 ONSEMI-NLAS325_06 Datasheet
103Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 6
NLAS323 ONSEMI-NLAS323 Datasheet
85Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
February, 2004 ??Rev. 6
NLAS323 ONSEMI-NLAS323_15 Datasheet
96Kb / 9P
   Dual SPST Analog Switch, Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS325 ONSEMI-NLAS325_15 Datasheet
97Kb / 10P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 7
NLAS324 ONSEMI-NLAS324_06 Datasheet
118Kb / 10P
   Dual SPST Analog Switch, Low Voltage, Single Supply
April, 2006 ??Rev. 7
NLAS324 ONSEMI-NLAS324_15 Datasheet
95Kb / 8P
   Dual SPST Analog Switch Low Voltage, Single Supply
July, 2015 ??Rev. 8
logo
Texas Instruments
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com