Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2335 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2335 Datasheet HTML 10Page - National Semiconductor (TI) LMX2335 Datasheet HTML 11Page - National Semiconductor (TI) LMX2335 Datasheet HTML 12Page - National Semiconductor (TI) LMX2335 Datasheet HTML 13Page - National Semiconductor (TI) LMX2335 Datasheet HTML 14Page - National Semiconductor (TI) LMX2335 Datasheet HTML 15Page - National Semiconductor (TI) LMX2335 Datasheet HTML 16Page - National Semiconductor (TI) LMX2335 Datasheet HTML 17Page - National Semiconductor (TI) LMX2335 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
JEDEC 16-Lead (0.150" Wide) Small Outline Molded Package (M)
Order Number LMX2335M or LMX2337M
*For Tape and Reel (2500 Units Per Reel)
Order Number LMX2335MX or LMX2337MX
NS Package Number M16A
www.national.com
15


Similar Part No. - LMX2335

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LM NSC-LMX2335LM Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LSLB NSC-LMX2335LSLB Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2335

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com