Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2335 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2335
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2335 Datasheet HTML 5Page - National Semiconductor (TI) LMX2335 Datasheet HTML 6Page - National Semiconductor (TI) LMX2335 Datasheet HTML 7Page - National Semiconductor (TI) LMX2335 Datasheet HTML 8Page - National Semiconductor (TI) LMX2335 Datasheet HTML 9Page - National Semiconductor (TI) LMX2335 Datasheet HTML 10Page - National Semiconductor (TI) LMX2335 Datasheet HTML 11Page - National Semiconductor (TI) LMX2335 Datasheet HTML 12Page - National Semiconductor (TI) LMX2335 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Functional Description (Continued)
PROGRAMMABLE DIVIDER (N COUNTER)
Each N counter consists of the 7-bit swallow counter (A counter) and the 11-bit programmable counter (B counter). If the Control
Bits are 10 or 11 (10 for RF2 counter and 11 for RF1 counter) data is transferred from the 20-bit shift register into a 7-bit latch
(which sets the Swallow (A) Counter) and an 11-bit latch (which sets the 11-bit programmable (B) Counter), MSB first. Serial data
format is shown below.
7-BIT SWALLOW COUNTER DIVIDE RATIO (A COUNTER)
Divide
Ratio
A
N
7
N
6
N
5
N
4
N
3
N
2
N
1
0
0000000
1
0000001
•••••••
127
1111111
Notes: Divide ratio: 0 to 127
B
≥ A
A < P
11-BIT PROGRAMMABLE COUNTER DIVIDE RATIO (B COUNTER)
Divide
Ratio
B
N
18
N
17
N
16
N
15
N
14
N
13
N
12
N
11
N
10
N
9
N
8
3
00000000011
4
00000000100
•••••••••••
2047
11111111111
Notes: Divide ratio: 3 to 2047 (Divide ratios less than 3 are prohibited)
B
≥ A
PULSE SWALLOW FUNCTION
f
VCO = [(P xB)+ A]xfOSC/R
f
VCO:
Output frequency of external voltage controlled oscillator (VCO)
B:
Preset divide ratio of binary 11-bit programmable counter (3 to 2047)
A:
Preset divide ratio of binary 7-bit swallow counter
(0
≤ A ≤ P; A ≤ B)
f
OSC:
Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 15-bit programmable reference counter (3 to 32767)
P:
Preset modulus of dual moduIus prescaler (P = 64 or 128)
PROGRAMMABLE MODES
Several modes of operation can be programmed with bits R16–R20 including the phase detector polarity, charge pump tristate
and the output of the F
oLD pin. The prescaler and power down modes are selected with bits N19 and N20. The programmable
modes are shown in
Table 1. Truth table for the programmable modes and F
oLD output are shown in Tables 2, 3.
DS012332-5
www.national.com
9


Similar Part No. - LMX2335

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LM NSC-LMX2335LM Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LSLB NSC-LMX2335LSLB Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2335

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz