Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2335 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2335
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2335 Datasheet HTML 1Page - National Semiconductor (TI) LMX2335 Datasheet HTML 2Page - National Semiconductor (TI) LMX2335 Datasheet HTML 3Page - National Semiconductor (TI) LMX2335 Datasheet HTML 4Page - National Semiconductor (TI) LMX2335 Datasheet HTML 5Page - National Semiconductor (TI) LMX2335 Datasheet HTML 6Page - National Semiconductor (TI) LMX2335 Datasheet HTML 7Page - National Semiconductor (TI) LMX2335 Datasheet HTML 8Page - National Semiconductor (TI) LMX2335 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics (Continued)
V
CC = 5.0V, Vp = 5.0V; TA = 25˚C, except as specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
Do-TRI
Charge Pump
TRI-STATE
CURRENT
LMX2335
LMX2336
0.5V
≤ V
Do ≤ Vp − 0.5V
T = 25˚C
−5.0
5.0
nA
I
Do-TRI
Charge Pump
TRI-STATE
CURRENT
LMX2337
0.5V
≤ V
Do ≤ Vp − 0.5V
T = 25˚C
±5nA
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC
0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
t
CS
Data to Clock Setup Time
See Data Input Timing
50
ns
I
CH
Data to Clock Hold Time
See Data Input Timing
10
ns
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Load Enable Set Up Time
See Data Input Timing
50
ns
t
EW
Load Enable Pulse Width
See Data Input Timing
50
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate conditions for which
the device is intended to be functional, but do not guarantee specific performanced limits. For guaranteed specifications and test conditions, see the Electrical Char-
acteristics. The guaranteed specifications apply only for the test conditions listed.
Note 2: This device is a high performance RF integrated circuit with an ESD rating <2 keV and is ESD sensitive. Handling and assembly of this device should only
be done at ESD protected workstations.
Note 3: See PROGRAMMABLE MODES for ICPo description.
Note 4: Clock, Data and LE does not include fIN1, fIN2 and OSCin.
Typical Performance Characteristics
ICC vs V
CC
LMX2335/37
DS012332-19
I
CC vs VCC
LMX2336
DS012332-20
www.national.com
5


Similar Part No. - LMX2335

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LM NSC-LMX2335LM Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LSLB NSC-LMX2335LSLB Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2335

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz