Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2335 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2335
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2335 Datasheet HTML 1Page - National Semiconductor (TI) LMX2335 Datasheet HTML 2Page - National Semiconductor (TI) LMX2335 Datasheet HTML 3Page - National Semiconductor (TI) LMX2335 Datasheet HTML 4Page - National Semiconductor (TI) LMX2335 Datasheet HTML 5Page - National Semiconductor (TI) LMX2335 Datasheet HTML 6Page - National Semiconductor (TI) LMX2335 Datasheet HTML 7Page - National Semiconductor (TI) LMX2335 Datasheet HTML 8Page - National Semiconductor (TI) LMX2335 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
V
CC
−0.3V to +6.5V
V
P
−0.3V to +6.5V
Voltage on Any Pin
with GND = 0V (V
I)
−0.3V to V
CC +0.3V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (solder 4 sec.) (T
L)
+260˚C
Recommended Operating
Conditions
Power Supply Voltage
V
CC
2.7V to 5.5V
V
P
V
CC to +5.5V
Operating Temperature (T
A)
−40˚C to +85˚C
Electrical Characteristics
V
CC = 5.0V, Vp = 5.0V; TA = 25˚C, except as specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
I
CC
Power Supply
Current
LMX2335/37
RF1 and RF2
V
CC = 2.7V to 5.5V
10
15
mA
I
CC
LMX2335/37 RF1
only
68
mA
I
CC
LMX2336
RF1 and RF2
13
18
mA
LMX2336 RF1 only
7
11
mA
f
IN1
Operating
Frequency
LMX2335
0.100
1.1
GHz
f
IN2
0.050
1.1
GHz
f
IN1
LMX2336
0.200
2.0
GHz
f
IN2
0.050
1.1
GHz
f
IN1
LMX2337
100
550
MHz
f
IN2
50
550
MHz
I
CC-PWDN
Powerdown Current
LMX2335/2336
V
CC = 5.5V
1
25
µA
LMX2337
100
f
OSC
Oscillator Frequency
With resonator load on OSC
out
5
20
MHz
f
OSC
No load on OSC
OUT
5
40
MHz
fφ
Phase Detector Frequency
10
MHz
Pf
IN 1
and Pf
in 2
RF Input Sensitivity
V
CC = 3.0V, f > 100 MHz
−15
+4
dBm
V
CC = 5.0V, f > 100 MHz
−10
+4
V
CC = 2.7 to 5.5V,
f > 100 MHz
−10
0
V
OSC
Oscillator Sensitivity
OSC
IN
0.5
V
PP
V
IH
High-Level Input Voltage
(Note 4)
0.8
V
CC
V
V
IL
Low-Level Input Voltage
(Note 4)
0.2
V
CC
V
I
IH
High-Level Input Current
V
IH =VCC = 5.5V (Note 4)
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0V, VCC = 5.5V (Note 4)
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
Oscillator Input Current
V
IL = 0V, VCC = 5.5V
−100
µA
I
Do-SOURCE
Charge Pump Output Current
V
Do =Vp/2, ICPo = LOW
(Note 3)
−1.25
mA
I
Do-SINK
V
Do =Vp/2, ICPo = LOW
(Note 3)
1.25
mA
I
Do-SOURCE
V
Do =Vp/2, ICPo = HIGH
(Note 3)
−5.0
mA
I
Do-SINK
V
Do =Vp/2, ICPo = HIGH
(Note 3)
5.0
mA
www.national.com
4


Similar Part No. - LMX2335

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LM NSC-LMX2335LM Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LSLB NSC-LMX2335LSLB Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2335

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz