Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2335 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2335
Description  PLLatinum™ Dual Frequency Synthesizer for RF Personal Communications
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LMX2335 Datasheet(HTML) 3 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions (Continued)
Pin No.
2335/37
Pin No.
2336
Pin
Name
I/O
Description
16
20
V
CC2
Power supply voltage input for RF2 analog. RF2 digital, MICROWIRE, F
oLD and
Oscillator circuits. Input may range from 2.7V to 5.5V. V
CC2 must equal VCC1. Bypass
capacitors should be placed as close as possible to this pin and be connected directly
to the ground plane.
Block Diagram
DS012332-17
Note: VCC1 supplies power to the RF1 prescaler, N-counter, R-counter, and phase detector. VCC2 supplies power to the RF2 prescaler, N-counter, phase
detector, R-counter along with the OSCin buffer, MICROWIRE, and FoLD. VCC1 and VCC2 are clamped to each other by diodes and must be run at the same
voltage level.
VP1 and VP2 can be run separately as long as VP ≥ VCC.
LMX2335/37 Pin # → 8/10 ← LMX2336 Pin #
Pin Name → F
oLD
X signifies a function not available
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn