Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5332ADWR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5332ADWR2
Description  Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5332ADWR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5332ADWR2 Datasheet HTML 7Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 8Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 9Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 10Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 11Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 12Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 13Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 14Page - ON Semiconductor NCP5332ADWR2 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
NCP5332A
http://onsemi.com
11
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Oscillator Frequency vs. ROSC Value
Figure 5. VFB Bias Current vs. ROSC Value
Figure 6. GATE(H) Rise Time vs. Load Capacitance
Measured from 1.0 V to 4.0 V with VCC at 5.0 V
Figure 7. GATE(H) Fall Time vs. Load Capacitance
Measured from 4.0 V to 1.0 V with VCC at 5.0 V
Figure 8. GATE(L) Rise Time vs. Load Capacitance
Measured from 1.0 V to 4.0 V with VCC at 5.0 V
Figure 9. GATE(L) Fall Time vs. Load Capacitance
Measured from 4.0 V to 1.0 V with VCC at 5.0 V
100
ROSC Value (kΩ)
300
400
500
600
700
800
900
200
10
20
30
40
50
60
70
0
0
Load Capacitance, nF
20
60
80
100
120
246
8
12
10
14
16
40
0
0
Load Capacitance, nF
20
60
80
100
120
24
6
8
12
10
14
16
40
0
0
Load Capacitance, nF
20
60
80
100
120
24
6
8
12
10
14
16
40
0
0
Load Capacitance, nF
20
60
80
100
120
246
8
12
10
14
16
40
10
0
ROSC Value, kΩ
15
30
45
60
75
20
30
40
50
60
70
80


Similar Part No. - NCP5332ADWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results

Similar Description - NCP5332ADWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com