Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5332A Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5332A
Description  Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5332A Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5332A Datasheet HTML 1Page - ON Semiconductor NCP5332A Datasheet HTML 2Page - ON Semiconductor NCP5332A Datasheet HTML 3Page - ON Semiconductor NCP5332A Datasheet HTML 4Page - ON Semiconductor NCP5332A Datasheet HTML 5Page - ON Semiconductor NCP5332A Datasheet HTML 6Page - ON Semiconductor NCP5332A Datasheet HTML 7Page - ON Semiconductor NCP5332A Datasheet HTML 8Page - ON Semiconductor NCP5332A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
NCP5332A
http://onsemi.com
4
MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature
150
°C
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Package Thermal Resistance:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
15
75
°C/W
°C/W
Storage Temperature Range
−65 to +150
°C
ESD Susceptibility:
Human Body Model
Machine Model
2.0
200
kV
V
JEDEC Moisture Sensitivity
Level 2
1. 60 second maximum above 183
°C.
*The maximum package power dissipation must be observed.
MAXIMUM RATINGS
Pin Name
VMAX
VMIN
ISOURCE
ISINK
COMP
6.0 V
−0.3 V
1.0 mA
1.0 mA
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
VDRP
6.0 V
−0.3 V
1.0 mA
1.0 mA
CS1, CS2
6.0 V
−0.3 V
1.0 mA
1.0 mA
CSREF
6.0 V
−0.3 V
1.0 mA
1.0 mA
ROSC
6.0 V
−0.3 V
1.0 mA
1.0 mA
PWRGD
6.0 V
−0.3 V
1.0 mA
8.0 mA
VID Pins
6.0 V
−0.3 V
1.0 mA
1.0 mA
ILIM
6.0 V
−0.3 V
1.0 mA
1.0 mA
REF
6.0 V
−0.3 V
1.0 mA
20 mA
SS
6.0 V
−0.3 V
1.0 mA
1.0 mA
VCCL
16 V
−0.3 V
N/A
50 mA
VCCHx
20 V
−0.3 V
N/A
1.5 A for 1.0
µs,
200 mA DC
VCCLx
16 V
−0.3 V
N/A
1.5 A for 1.0
µs,
200 mA DC
GATE(H)x
20 V
−2.0 V for 100 ns,
−0.3 V DC
1.5 A for 1.0
µs,
200 mA DC
1.5 A for 1.0
µs,
200 mA DC
GATE(L)x
16 V
−2.0 V for 100 ns,
−0.3 V DC
1.5 A for 1.0
µs,
200 mA DC
1.5 A for 1.0
µs,
200 mA DC
GND1, GND2
0.3 V
−0.3 V
2.0 A for 1.0
µs,
200 mA DC
N/A
LGND
0 V
0 V
50 mA
N/A


Similar Part No. - NCP5332A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331FTR2 ONSEMI-NCP5331FTR2 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results

Similar Description - NCP5332A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5383 ONSEMI-NCP5383_1 Datasheet
399Kb / 15P
   2 Phase Buck Controller with Integrated Gate Drivers and AVP
December, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com