Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1206GR-139M76L Datasheet(PDF) 5 Page - YAGEO Corporation

Part # RL1206GR-139M76L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL1206GR-139M76L Datasheet(HTML) 5 Page - YAGEO Corporation

  RL1206GR-139M76L Datasheet HTML 1Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 2Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 3Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 4Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 5Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 6Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 7Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 8Page - YAGEO Corporation RL1206GR-139M76L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May. 27, 2016 V.1
Product specification
5
5
SERIES
RL
0402 to 2512
Type
Power
P70
Operating Temp.
range
Resistance range & tolerance
T. C. R.
( ppm/°C)
Jumper criteria
RL0402
1/16W
-55°C to +155°C
E24 ± 1%, ± 2%, ± 5%
50mΩ ≤ R < 1Ω
See following table
“T.C.R.- RL series”
Max. resistance 20mΩ
Rated current 1.5A
RL0603
1/10W
10mΩ ≤ R < 1Ω
Max. resistance 20mΩ
Rated current 2A
RL0805
1/8W
10mΩ ≤ R < 1Ω
Max. resistance 20mΩ
Rated current 2.5A
1/4W
-55°C to +125°C
10mΩ ≤ R < 1Ω
--
--
RL1206
1/4W
-55°C to +155°C
10mΩ ≤ R < 1Ω
Max. resistance 20mΩ
Rated current 3.5A
1/2W
-55°C to +125°C
10mΩ ≤ R < 1Ω
--
--
RL1210
1/2W
-55°C to +155°C
10mΩ ≤ R < 1Ω
--
--
RL1218
1W
10mΩ ≤ R < 1Ω
--
--
RL2010
3/4W
10mΩ ≤ R < 1Ω
--
--
RL2512
1W
10mΩ ≤ R < 1Ω
--
--
ELECTRICAL CHARACTERISTICS
Table 2
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”.
PACKING STYLE
REEL DIMENSION RL0402 RL0603 RL0805 RL1206 RL1210 RL1218 RL2010 RL2512
Paper taping reel (R)
7" (178 mm)
10,000
5,000
5,000
5,000
5,000
---
---
---
13" (330 mm)
50,000
20,000
20,000
20,000
20,000
---
---
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
---
---
4,000
4,000
4,000
NOTE
1. For paper/embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”.
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity
TYPE / RESISTANCE
RANGE
TEMPERATURE COEFFICIENT
OF RESISTANCE
RL0402 50mΩ≤R<1Ω
50m
Ω ≤R<100mΩ
100m
Ω ≤R<500mΩ
500m
Ω ≤R<1Ω
± 1000 ppm/°C
± 800 ppm/°C
± 300 ppm/°C
RL0603 10mΩ≤R<1Ω
10m
Ω ≤R≤36mΩ
36m
Ω <R≤91mΩ
91m
Ω <R≤500mΩ
500m
Ω <R<1Ω
± 1,500 ppm/°C
± 1,200 ppm/°C
± 800 ppm/°C
± 300 ppm/°C
RL0805
10mΩ≤R<1Ω
10m
Ω ≤R≤18mΩ
18m
Ω <R≤47mΩ
47m
Ω <R≤91mΩ 91mΩ <R≤360mΩ 360mΩ <R<500mΩ
500m
Ω ≤R<1Ω
± 1,500 ppm/°C
± 1,200 ppm/°C
± 1,000 ppm/°C
± 600 ppm/°C
± 300 ppm/°C
± 200 ppm/°C
10m
Ω ≤R≤18mΩ
18m
Ω <R≤47mΩ
47m
Ω <R≤91mΩ 91mΩ <R≤360mΩ 360mΩ <R≤500mΩ
500m
Ω <R<1Ω
RL1206
± 1,500 ppm/°C
± 1,200 ppm/°C
± 1,000 ppm/°C
± 600 ppm/°C
± 300 ppm/°C
± 200 ppm/°C
RL1210
± 1,500 ppm/°C
± 1,000 ppm/°C
± 800 ppm/°C
± 600 ppm/°C
± 300 ppm/°C
± 200 ppm/°C
RL2010
± 1,500 ppm/°C
± 1,200 ppm/°C
± 1,000 ppm/°C
± 600 ppm/°C
± 300 ppm/°C
± 200 ppm/°C
RL2512
± 1,500 ppm/°C
± 1,200 ppm/°C
± 800 ppm/°C
± 600 ppm/°C
± 300 ppm/°C
± 200 ppm/°C
RL1218 10mΩ≤R<1Ω
10m
Ω ≤R≤30mΩ
30m
Ω <R≤56mΩ
56m
Ω <R≤180mΩ
180m
Ω <R<1Ω
± 2,000 ppm/°C
± 1,000 ppm/°C
± 700 ppm/°C
± 250 ppm/°C


Similar Part No. - RL1206GR-139M76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL1206GR-13L YAGEO-RL1206GR-13L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1206GR-139M76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com