Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2324TMX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2324TMX
Description  PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2324TMX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2324TMX Datasheet HTML 4Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 5Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 6Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 7Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 8Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 9Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 10Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 11Page - National Semiconductor (TI) LM2324TMX Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2.0 Programming Description (Continued)
2.3.4.1 Control Word Truth Table
CE
CNT_RST
PWDN
Function
1
0
0
Normal Operation
1
0
1
Synchronous Powerdown
1
1
0
Counter Reset
1
1
1
Asynchronous Powerdown
0
X
X
Asynchronous Powerdown
Notes: X denotes don’t care.
The Counter Reset enable bit when activated allows the reset of both N and R counters. Upon powering up the N counter re-
sumes counting in “close” alignment with the R counter. (The maximum error is one prescaler cycle).
Both synchronous and asynchronous power down modes are available with the LMX2324 to be able to adapt to different types
of applications. The MICROWIRE control register remains active and capable of loading and latching in data during all of the pow-
erdown modes.
Synchronous Power down Mode
The PLL loops can be synchronously powered down by setting the counter reset mode bit to LOW (N[1] = 0) and its power down
mode bit to HIGH (N[0] = 1). The power down function is gated by the charge pump. Once the power down mode and counter
reset mode bits are loaded, the part will go into power down mode upon the completion of a charge pump pulse event.
Asynchronous Power down Mode
The PLL loops can be asynchronously powered down by setting the counter reset mode bit to HIGH (N[1] = 1) and its power down
mode bit to HIGH (N[0] = 1), or by setting CE pin LOW. The power down function is NOT gated by the charge pump. Once the
power down and counter reset mode bits are loaded, the part will go into power down mode immediately.
The R and N counters are disabled and held at load point during the synchronous and asynchronous power down modes. This
will allow a smooth acquisition of the RF signal when the PLL is programmed to power up. Upon powering up, both R and N
counters will start at the ‘zero’ state, and the relationship between R and N will not be random.
Serial Data Input Timing
DS101030-5
Notes: Parenthesis data indicates programmable reference divider data.
Data shifted into register on clock rising edge.
Data is shifted in MSB first.
Test Conditions: The Serial Data Input Timing is tested using a symmetrical waveform around VCC/2. The test waveform has an edge rate of 0.6 V/ns with
amplitudes of 1.6V @ VCC = 2.7V and 3.3V @ VCC = 5.5V.
www.national.com
9


Similar Part No. - LM2324TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2324ATMX NSC-LM2324ATMX Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
More results

Similar Description - LM2324TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com