Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEHZE1H101V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEHZE1H101V
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEHZE1H101V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEHZE1H101V Datasheet HTML 1Page - Panasonic Semiconductor EEHZE1H101V Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
Standard products
Endurance 1 : 145 °C 2000 h
Endurance 2 : 135 °C 4000 h
After endurance ESR (100 kHz, –40 °C)
Rated capacitance
Frequency
100 Hz
< f < 200 Hz 200 Hz < f < 300 Hz 300 Hz < f < 500 Hz 500 Hz < f < 1 kHz
C < 47 μF
Correction
factor
0.10
0.10
0.15
0.20
47 μF
< C < 150 μF
0.15
0.20
0.25
0.30
150 μF
< C
0.15
0.25
0.25
0.30
Rated capacitance
Frequency
1 kHz
< f < 2 kHz
2 kHz
< f < 3 kHz
3 kHz
< f < 5 kHz
5 kHz
< f < 10 kHz
C < 47 μF
Correction
factor
0.30
0.40
0.45
0.50
47 μF
< C < 150 μF
0.40
0.45
0.55
0.60
150 μF
< C
0.45
0.50
0.60
0.65
Rated capacitance
Frequency
10 kHz
< f < 15 kHz 15 kHz < f < 20 kHz 20 kHz < f < 30 kHz 30 kHz < f < 40 kHz
C < 47 μF
Correction
factor
0.60
0.65
0.70
0.75
47 μF
< C < 150 μF
0.70
0.75
0.80
0.80
150 μF
< C
0.75
0.80
0.85
0.85
Rated capacitance
Frequency
40 kHz
< f < 50 kHz 50 kHz < f < 100 kHz 100 kHz < f < 500 kHz
500 kHz
< f
C < 47 μF
Correction
factor
0.80
0.85
1.00
1.05
47 μF
< C < 150 μF
0.85
0.90
1.00
1.00
150 μF
< C
0.85
0.90
1.00
1.00
Rated
voltage
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case size
(mm)
Size
code
Specification
Part number
Min.
packaging q'ty
fDL
Ripple current
(100 kHz)
(mA r.m.s.)
ESR
(100 kHz)
(+20 °C)
(m
Ω)
tan
d
(120 Hz)
(+20 °C)
Standard
Product
Vibration-proof
product
Taping
(pcs)
Endurance 1
(+145 °C)
Endurance 2
(+135 °C)
25
220
8
10.2
F
700
1600
27
0.14
EEHZE1E221P
EEHZE1E221V
500
330
10
10.2
G
900
2000
20
0.14
EEHZE1E331P
EEHZE1E331V
500
35
150
8
10.2
F
700
1600
27
0.12
EEHZE1V151P
EEHZE1V151V
500
270
10
10.2
G
900
2000
20
0.12
EEHZE1V271P
EEHZE1V271V
500
50
68
8
10.2
F
600
1250
30
0.10
EEHZE1H680P EEHZE1H680V
500
100
10
10.2
G
800
1600
28
0.10
EEHZE1H101P
EEHZE1H101V
500
63
33
8
10.2
F
600
1100
40
0.08
EEHZE1J330P
EEHZE1J330V
500
56
10
10.2
G
800
1400
30
0.08
EEHZE1J560P
EEHZE1J560V
500
· Please refer to the page of “Reflow profile” and “The taping dimensions”.
Size
f8×10.2
f10×10.2
ESR (
Ω)
0.4
0.3
Frequency correction factor for ripple current
Mar. 2017
00


Similar Part No. - EEHZE1H101V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEHZE1H101XP PANASONIC-EEHZE1H101XP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEHZE1H101XR PANASONIC-EEHZE1H101XR Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - EEHZE1H101V

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEE-FK1V101GP PANASONIC-EEE-FK1V101GP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZC1E220R PANASONIC-EEHZC1E220R Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
ZSU PANASONIC-ZSU Datasheet
569Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
29-Jan-21
ZS-A PANASONIC-ZS-A Datasheet
572Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
ZKU-A PANASONIC-ZKU-A Datasheet
562Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
30-Sep-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com