Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW.86.B.SMA.M Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FW.86.B.SMA.M
Description  Designed for Outdoor Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW.86.B.SMA.M Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FW.86.B.SMA.M Datasheet HTML 1Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 2Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 3Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 4Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 5Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 6Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 7Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 8Page - Taoglas antenna solutions FW.86.B.SMA.M Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SP-15-8- SPE-16-8-006/B/WY
Page 2 of 12
1. Introduction
The FW.86 is a flexible 868MHz whip antenna with a SMA type (M) connector for
outdoor use. It features excellent efficiency (>70%) and high peak gain (>2.82
dBi) at 868MHz on a 30*30cm ground plane.
The antenna was developed for low power radio networks (LORA / LPWAN),
monitoring systems, and smart metering.
The FW.86 has an excellent omnidirectional radiation pattern, ensuring wide
coverage. The antennas high efficiency means that it allows your radio to
consume less power than with a lower efficiency antenna when transferring data.
It also means a better signal strength and better sensitivity in areas of low signal
levels. The antenna performs at its best while attached to a ground plane with
dimensions of at least 30x30 cm. For an environment where there is no
ground-plane available we recommend to use the terminal antenna the TI.18 or
the outdoors fiberglass omni antenna the OMB.868.
The FW.86 whip is made of a flexible inner steel core covered by PE so it is
extremely resistant to abrasion and maintains its original shape and RF
performance even after shock. This rugged design and IP67 rating on the housing
ensure high reliability.
This antenna comes with SMA(M) connector as standard. Other custom variants
can be provided subject to NRE and MOQ. Contact your regional Taoglas office for
details.


Similar Part No. - FW.86.B.SMA.M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW.86.B.SMA-.M ETC2-FW.86.B.SMA-.M Datasheet
2Mb / 11P
   External 868MHz Monopole Antenna
More results

Similar Description - FW.86.B.SMA.M

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.95.B.SMA.M TAOGLAS-FW.95.B.SMA.M Datasheet
2Mb / 12P
   Designed for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
   Rugged Design for Outdoor Use
logo
AUREL S.p.A.
650200596G AUREL-650200596G Datasheet
253Kb / 1P
   Vertical Antenna for Outdoor use
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
   Rugged Design for Outdoor Use
logo
Hirose Electric
HR41 HIROSE-HR41 Datasheet
490Kb / 12P
   Waterproof Connectors for Outdoor Use
logo
List of Unclassifed Man...
5501G1 ETC2-5501G1 Datasheet
102Kb / 3P
   Water-Blocked for Indoor/Outdoor Use
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139 Datasheet
141Kb / 4P
   Designed for use in pager applications
SEPT 04
logo
Panasonic Semiconductor
LNQ15001 PANASONIC-LNQ15001 Datasheet
76Kb / 1P
   FULL COLOR LED LAMP FOR OUTDOOR USE
LNQ70502 PANASONIC-LNQ70502 Datasheet
86Kb / 1P
   FULL COLOR LED LAMP FOR OUTDOOR USE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com