Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2330A Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2330A
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330A Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2330A Datasheet HTML 9Page - National Semiconductor (TI) LMX2330A Datasheet HTML 10Page - National Semiconductor (TI) LMX2330A Datasheet HTML 11Page - National Semiconductor (TI) LMX2330A Datasheet HTML 12Page - National Semiconductor (TI) LMX2330A Datasheet HTML 13Page - National Semiconductor (TI) LMX2330A Datasheet HTML 14Page - National Semiconductor (TI) LMX2330A Datasheet HTML 15Page - National Semiconductor (TI) LMX2330A Datasheet HTML 16Page - National Semiconductor (TI) LMX2330A Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Application Information
A block diagram of the basic phase locked loop is shown in
Figure 1.
LOOP GAIN EQUATIONS
A linear control system model of the phase feedback for a
PLL in the locked state is shown in
Figure 2. The open loop
gain is the product of the phase comparator gain (K
φ), the
VCO gain (K
VCO/s), and the loop filter gain Z(s) divided by
the gain of the feedback counter modulus (N). The passive
loop filter configuration used is displayed in
Figure 3, while
the complex impedance of the filter is given in
Equation (2).
(1)
(2)
The time constants which determine the pole and zero fre-
quencies of the filter transfer function can be defined as
(3)
and
T2 = R2
• C2
(4)
The 3rd order PLL Open Loop Gain can be calculated in
terms of frequency,
ω, the filter time constants T1 and T2,
and the design constants Kφ,KVCO, and N.
(5)
From
Equation (3) we can see that the phase term will be de-
pendent on the single pole and zero such that the phase
margin is determined in
Equation (6).
φ(ω) = tan−1 (ω • T2) − tan−1 (ω • T1) + 180˚
(6)
A plot of the magnitude and phase of G(s)H(s) for a stable
loop, is shown in
Figure 4 with a solid trace. The parameter
φ
p shows the amount of phase margin that exists at the point
the gain drops below zero (the cutoff frequency wp of the
loop). In a critically damped system, the amount of phase
margin would be approximately 45 degrees.
If we were now to redefine the cut off frequency, wp’, as
double the frequency which gave us our original loop band-
width, wp, the loop response time would be approximately
halved. Because the filter attenuation at the comparison fre-
quency also diminishes, the spurs would have increased by
approximately 6 dB. In the proposed Fastlock scheme, the
higher spur levels and wider loop filter conditions would exist
only during the initial lock-on phase — just long enough to
reap the benefits of locking faster. The objective would be to
open up the loop bandwidth but not introduce any additional
complications or compromises related to our original design
criteria. We would ideally like to momentarily shift the curve
of
Figure 4 over to a different cutoff frequency, illustrated by
the dotted line, without affecting the relative open loop gain
and phase relationships. To maintain the same gain/phase
relationship at twice the original cutoff frequency, other terms
in the gain and phase
Equations (5), (6) will have to compen-
sate by the corresponding “1/w” or “1/w
2” factor. Examination
of
Equations (3), (4), (6) indicates the damping resistor vari-
able R2 could be chosen to compensate the “w”’ terms for
the phase margin. This implies that another resistor of equal
value to R2 will need to be switched in parallel with R2 during
the initial lock period. We must also ensure that the magni-
tude of the open loop gain, H(s)G(s) is equal to zero at wp’ =
2wp. K
vco,Kφ, N, or the net product of these terms can be
changed by a factor of 4, to counteract the w
2 term present
in the denominator of
Equations (3), (4). The K
φ term was
chosen to complete the transformation because it can
readily be switch between 1X and 4X values. This is accom-
plished by increasing the charge pump output current from 1
mA in the standard mode to 4 mA in Fastlock.
DS012331-21
FIGURE 1. Basic Charge Pump Phase Locked Loop
DS012331-23
FIGURE 2. PLL Linear Model
DS012331-22
FIGURE 3. Passive Loop Filter
www.national.com
15


Similar Part No. - LMX2330A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2330 NSC-LMX2330 Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSBX NSC-LMX2330LSBX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSLB NSC-LMX2330LSLB Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2330A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com