Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2330A Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2330A
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2330A Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX2330A Datasheet HTML 9Page - National Semiconductor (TI) LMX2330A Datasheet HTML 10Page - National Semiconductor (TI) LMX2330A Datasheet HTML 11Page - National Semiconductor (TI) LMX2330A Datasheet HTML 12Page - National Semiconductor (TI) LMX2330A Datasheet HTML 13Page - National Semiconductor (TI) LMX2330A Datasheet HTML 14Page - National Semiconductor (TI) LMX2330A Datasheet HTML 15Page - National Semiconductor (TI) LMX2330A Datasheet HTML 16Page - National Semiconductor (TI) LMX2330A Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Typical Application Example
DS012331-19
Operational Notes:
*
VCO is assumed AC coupled.
**
R
IN increases impedance so that VCO output power is provided to the load rather than the PLL. Typical values are 10Ω to
200
Ω depending on the VCO power level. f
IN RF impedance ranges from 40Ω to 100Ω.fIN IF impedances are higher.
***
50
Ω termination is often used on test boards to allow use of external reference oscillator. For most typical products a
CMOS clock is used and no terminating resistor is required. OSC
in may be AC or DC coupled. AC coupling is recom-
mended because the input circuit provides its own bias. (See
Figure below)
**** Adding RC filters to the V
CC line is recommended to reduce loop-to-loop noise coupling.
DS012331-20
Proper use of grounds and bypass capacitors is essential to achieve a high level of performance. Crosstalk between pins can be reduced by careful board
layout.
This is an electrostatic sensitive device. It should be handled only at static free work stations.
www.national.com
14


Similar Part No. - LMX2330A

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2330 NSC-LMX2330 Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSBX NSC-LMX2330LSBX Datasheet
563Kb / 23P
   PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330LSLB NSC-LMX2330LSLB Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2330A

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz