Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L99-838-500 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # L99-838-500
Description  MF CABLE ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

L99-838-500 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  L99-838-500 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG L99-838-500 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
MF
CABLE ASSEMBLY
L99-838-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Material and plating
Connector parts (MF)
Material
Plating / Colour
Insulator
PBT GF30
black
Housing
PBT GF30
black
Housing insert
PA
black
Piston
Brass
min 0,25 µm Au over 2,5 µm Ni
Ferrule
Brass
min 0,25 µm Au over 2,5 µm Ni
Spring
Stainless steel
Tension relief
TPE
black
Magnet
NdFeB N52
Ni
Silicone Tube
Silicone
Connectors
USB
plug type A
Electrical data
According to
USB 2.0
Peak current
500mA
Mechanical data
Mating cycles
min. 10.000
Disengagement force
> 10 N
Force measured during vertical disengagement with counter
connector
Magnetic pole
north to interface
Environmental data
Temperature range
-25°C to +75°C
RoHS
compliant
Suitable cables
USB 2.0 Standard cable
Available versions
Type
Length A
[mm]
pieces per box g/piece
L99-838-500
500 +20/-20
100
25
L99-838-1500
1500 +80/-80
200
54
L99-838-1800
1800 +80/-80
200
62
Packing
Single packing
1 pcs per box
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
G. Lapper
03.04.2012
C. Kainzmaier
14.10.16
c00
16-s322
S. Doerr
14.10.16


Similar Part No. - L99-838-500

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
More results

Similar Description - L99-838-500

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
Clare, Inc.
M-986-2A1 CLARE-M-986-2A1 Datasheet
499Kb / 13P
   MF Transceiver
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
PHOENIX CONTACT
1150681 PHOENIX-1150681 Datasheet
353Kb / 4P
   Connecting cable - PRC 5-CA-MF-H07-4-10,0
01/21/2022
1150680 PHOENIX-1150680 Datasheet
353Kb / 4P
   Connecting cable - PRC 5-CA-MF-H07-4-20,0
01/21/2022
1150693 PHOENIX-1150693 Datasheet
353Kb / 3P
   Connecting cable - PRC 3-CA-MF-H07-2,5-5,0
01/21/2022
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com