Electronic Components Datasheet Search |
|
S24SE3R307NDFA Datasheet(PDF) 11 Page - Delta Electronics, Inc. |
|
S24SE3R307NDFA Datasheet(HTML) 11 Page - Delta Electronics, Inc. |
11 / 15 page S24SE/S24DE series 30W Single/Dual Output DC/DC Converter DS_S24SE/S24DE 30W_01052017 E-mail: dcdc@deltaww.com http://www.deltaww.com/dcdc P11 DESIGN CONSIDERATIONS Layout and EMI considerations Delta’s DC/DC power modules are designed to operate in a wide variety of systems and applications. For design assistance with EMC compliance and related PWB layout issues, please contact Delta’s technical support team. An external input filter module is available for easier EMC compliance design. Below is the reference design for an input filter to pass EN55022 (VDE0878) class A (both q. peak and average). L1=1uH C1=47uF/50V, electrolytic capacitor 1 MHz 10 MHz 150 kHz 30 MHz 10.0 20.0 30.0 40.0 50.0 60.0 70.0 0.0 80.0 dBμV Limits 55022MAV 55022MQP Transducer 8130 Traces PK+ AV Test Result: At T = +25 C, Typical input voltage and full load. Green is quasi peak mode; Blue is average mode. Recommended PCB Layout It is suggested to use multiple layers PCB and large size copper on system board which connects to pins of module, that can achieve better thermal performance. FEATURES DESCRIPTIONS Over-Current Protection The modules include an internal output over-current protection circuit, which will endure current limiting for an unlimited duration during output overload. If the output current exceeds the OCP set point, the modules will shut down (hiccup mode). The modules will try to restart after shutdown. If the overload condition still exists, the module will shut down again. This restart trial will continue until the overload condition is corrected. Over-Voltage Protection The modules include an internal output over-voltage protection circuit, which monitors the voltage on the output terminals. If this voltage exceeds the over-voltage set point, the modules will shut down, and then restart after a hiccup-time (hiccup mode). If latch mode is needed, please contact with Delta. Over-Temperature Protection The over-temperature protection consists of circuitry that provides protection from thermal damage. If the temperature exceeds the over-temperature threshold the module will shut down.The module will restart after the temperature is within specification. Remote On/Off The remote on/off feature on the module can be either negative or positive logic depend on the part number options on the last page. For Negative logic version, turns the module on during a external logic low and off during a logic high. If the remote on/off feature is not used, please short the on/off pin to Vi (-). For Postive logic version, turns the modules on during a external logic high and off during a logic low. If the remote on/off feature is not used, please leave the on/off pin to floating. Remote on/off can be controlled by an external switch between the on/off terminal and the Vi (-) terminal. The switch can be an open collector or open drain. |
Similar Part No. - S24SE3R307NDFA |
|
Similar Description - S24SE3R307NDFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |