Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2324 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2324
Description  PLLatinum™ 2.0 GHz Frequency Synthesizer for RF Personal Communications
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LMX2324 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2.0 Programming Description
2.1 MICROWIRE INTERFACE
The LMX2324 register set can be accessed through the MICROWIRE interface. A 18-bit shift register is used as a temporary reg-
ister to indirectly program the on-chip registers. The shift register consists of a 17-bit DATA[16:0] field and a 1-bit address (ADDR)
field as shown below. The address field is used to decode the internal register address. Data is clocked into the shift register in
the direction from MSB to LSB, when the CLOCK signal goes high. On the rising edge of Load Enable (LE) signal, data stored
in the shift register is loaded into the addressed latch.
MSB
LSB
DATA[16:0]
ADDR
17
1
0
2.1.1 Registers’ Address Map
When Load Enable (LE) is transitioned high, data is transferred from the 18-bit shift register into the appropriate latch depending
on the state of the ADDRESS bit. A multiplexing circuit decodes the address bit and writes the data field to the corresponding in-
ternal register.
REGISTER
ADDRESSED
ADDRESS BIT
ADDR
R Register
1
N Register
0
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn